Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 23 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 23 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 19Page - OKI electronic componets ML9040 Datasheet HTML 20Page - OKI electronic componets ML9040 Datasheet HTML 21Page - OKI electronic componets ML9040 Datasheet HTML 22Page - OKI electronic componets ML9040 Datasheet HTML 23Page - OKI electronic componets ML9040 Datasheet HTML 24Page - OKI electronic componets ML9040 Datasheet HTML 25Page - OKI electronic componets ML9040 Datasheet HTML 26Page - OKI electronic componets ML9040 Datasheet HTML 27Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
ML9040-Axx/-Bxx
¡ Semiconductor
23
Cursor/Blink Control Circuit
This is a circuit that generates the LCD cursor and blink.
This circuit is under the control of the CPU program.
The display of the cursor and blink on the LCD is made at a position corresponding to the
DD RAM address that is set in the ADC.
The figure below shows an example of the cursor/blink position when the value of ADC
is set to "07" (hex.).
(Note) The cursor and blink are displayed even when the CG RAM address is set in the
ADC. For this reason, it is necessary to inhibit the cursor and blink display while
the CG RAM address is set in the ADC.
LCD Display Circuit (COM1 to COM16, SEG1 to SEG40, L, CP, DO, and DF)
As the ML9040-Axx/-Bxx provides the COM signal outputs (16 outputs) and the SEG
signal outputs (40 outputs), it can display 8 characters (1-line display) or 16 characters (2-
line display) as a unit.
SEG1 to SEG40 are used to display 8-digit display on the LCD. To expand the display, an
MSM5259 is used.
The MSM5259, 40-dot segment driver, is used for expansion of the SEG signal output.
Interface with the MSM5259 is made through data output pin (DO), clock output pin (CP),
latch output pin (L), and display frequency pin (DF). The character pattern data is serially
transferred to MSM5259 through DO and CP. When the data of 72 characters 360-bit (= 5-
bit/ch. x 72 ch. = 1-line display) or 32 characters 160-bit (5-bit/ch. x 32 ch. = 2-line display)
is output, the latch pulse is also output through pin L. By this latch pulse, the data
transferred serially to MSM5259 is latched to be used as display data. The display
frequency signal (DF) required when LCD is displayed is also output from DF pin
synchronously with this latch pulse.
L
DB6
L
L
L
ADC
H
H
H
DB0
00
First
digit
01
2
02
3
05
4
04
5
In 1-line display mode
05
6
06
7
07
8
7
0
08
9
4E
79
4F
80
Cursor and blink position
00
First
digit
01
2
02
3
03
4
04
5
First line
05
6
06
7
07
8
08
9
26
39
27
40
40
41
42
43
44
Second line
45
46
47
48
66
67
Cursor and blink position
In 2-line display mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com