Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 1 Page - OKI electronic componets

  ML9040 Datasheet HTML 1Page - OKI electronic componets ML9040 Datasheet HTML 2Page - OKI electronic componets ML9040 Datasheet HTML 3Page - OKI electronic componets ML9040 Datasheet HTML 4Page - OKI electronic componets ML9040 Datasheet HTML 5Page - OKI electronic componets ML9040 Datasheet HTML 6Page - OKI electronic componets ML9040 Datasheet HTML 7Page - OKI electronic componets ML9040 Datasheet HTML 8Page - OKI electronic componets ML9040 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
ML9040-Axx/-Bxx
¡ Semiconductor
1
GENERAL DESCRIPTION
The ML9040-Axx/-Bxx is a dot matrix LCD controller which is fabricated in low power CMOS
silicon gate technology. Character display on the dot matrix character type LCD can be
controlled in combination with a 4-bit or 8-bit microcontroller. This LSI consists of 16-dot
COMMON driver, 40-dot SEGMENT driver, display data RAM, character generator RAM,
character generator ROM and control circuit.
The ML9040-Axx/-Bxx has the character generator ROM that can be programmed by custom
mask. The ML9040-Axx/-Bxx is a standard version having 160 characters with lowercase (5 x
7 dots), and 32 characters with uppercase (5 x 10 dots) in this ROM.
FEATURES
• Easy interface with an 8-bit or 4-bit microcontroller.
• Dot matrix LCD controller/driver for lowercase (5 x 7 dots) or uppercase (5 x 10 dots).
• Automatic power ON reset.
• COMMON signal drivers (16) and SEGMENT signal drivers (40).
• Can control up to 80 characters when used in combination with MSM5259.
• Character generator ROM for 160 characters with lowercase (5 x 7 dots) and 32 characters with
uppercase (5 x 10 dots).
• Character patterns are programmable by character generator RAM. (Lowercase: 5 x 8 dots,
8 patterns, uppercase: 5 x 11 dots, 4 patterns).
• Built-in oscillation circuit to connect with external resistor or ceralock.
• 1/8 duty (1 line; 5 x 7 dots + cursor), 1/11 duty (1 line; 5 x 10 dots + cursor), or 1/16 duty (2
lines; 5 x 7 dots + cursor), selectable.
• Clear display even at 1/5 bias, 3.0V LCD driving voltage.
• LCD driving waveform
ML9040-Axx: A mode
ML9040-Bxx: B mode
• Package options:
80-pin plastic QFP (QFP80-P-1420-0.80-BK)
(Product name: ML9040-Axx/-BxxGA)
xx indicates code number.
¡ Semiconductor
ML9040-Axx/-Bxx
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT
SEGMENT DRIVER
E2B0048-29-21
This version: Feb. 1999
Previous version: Mar. 1996
Prelim
inary


Similar Part No. - ML9040

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A-AXX OKI-ML9040A-AXX Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A-BXX OKI-ML9040A-BXX Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A-BXXGA OKI-ML9040A-BXXGA Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A-BXXWA OKI-ML9040A-BXXWA Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results

Similar Description - ML9040

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6262 OKI-MSM6262 Datasheet
383Kb / 52P
DOT MATRIX LCD CONTROLLER WITH 48-DOT COMMON DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com