Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 4Page - OKI electronic componets ML9040 Datasheet HTML 5Page - OKI electronic componets ML9040 Datasheet HTML 6Page - OKI electronic componets ML9040 Datasheet HTML 7Page - OKI electronic componets ML9040 Datasheet HTML 8Page - OKI electronic componets ML9040 Datasheet HTML 9Page - OKI electronic componets ML9040 Datasheet HTML 10Page - OKI electronic componets ML9040 Datasheet HTML 11Page - OKI electronic componets ML9040 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
¡ Semiconductor
ML9040-Axx/-Bxx
8
*1 Applicable to the current that flows in pin VDD when power is input as follows:
VDD = 5V, GND = 0V, V1 = 3.4V, V2 = 1.8V, V3 = 0.2V, V4 = -1.4V, and V5 = -3V.
AC Characteristics
Rf = 91kW ± 2%
*2
Parameter
(VDD = 4.5 to 5.5V, Ta = –20 to +75°C)
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pin
Rf Clock Oscillation
Frequency
fOSC1
175
250
350
kHz
OSC1
OSC2
Clock Input
Frequency
fIN
125
250
350
kHz
OSC1
Input Clock Duty
fDUTY
45
50
55
%
OSC1
Input Clock Rise
Time
tr
—
—
0.2
ms
OSC1
Input Clock Fall
Time
tf
—
—
0.2
ms
OSC1
Ceramic Unit
Oscillation
Frequency
fOSC
245
250
255
kHz
OSC1
OSC2
OSC2 is open.
Input from OSC1
*3
*4
*4
Rf = 510kW,
C1 = C2 = 200 pF,
Rd = 30kW, and
Ceralock CSB250A.
*5
R f =91k W ± 2%
Minimum wiring is required between
OSC1 and Rf and between OSC2 and Rf.
R f
*2
OSC1
OSC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com