Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 33 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 33 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 29Page - OKI electronic componets ML9040 Datasheet HTML 30Page - OKI electronic componets ML9040 Datasheet HTML 31Page - OKI electronic componets ML9040 Datasheet HTML 32Page - OKI electronic componets ML9040 Datasheet HTML 33Page - OKI electronic componets ML9040 Datasheet HTML 34Page - OKI electronic componets ML9040 Datasheet HTML 35Page - OKI electronic componets ML9040 Datasheet HTML 36Page - OKI electronic componets ML9040 Datasheet HTML 37Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
ML9040-Axx/-Bxx
¡ Semiconductor
33
Interface with LCD and MSM5259
Display examples when setting the 5 x 7 dots character font 1-line mode, 5 x 10 dots character font
1-line mode, and 5 x 7 dots character font 2-line mode through instructions are shown in Figures
4, 5, and 6, respectively.
When the 5 x 7 dots character font is set in the 1-line display mode, the COM signals COM9 to
COM16 are output for extinguishing.
Likewise, when the 5 x 10 dots character font (1-line is set), the COM signals COM12 to COM16
are output for display-off.
The display example shows a combination of 16 characters (32 characters for the 2-line display
mode) and the LCD. When the number of MSM5259s are increased according to the increase in
the number of characters, it is possible to display a maximum of 80 characters.
Besides, it is necessary to generate bias voltage required for LCD operation by splitting resistors
outside the IC to input it to ML9040-Axx/-Bxx and MSM5259.
Examples of these bias voltages are shown in Figures 7, 8, 9, and 10. Basically, this can be done
by dividing the voltage by the resistors as shown in Figures 7 and 8. If the value of resistor R is
made larger to reduce system power consumption, the LCD operating margin decreases and the
LCD driving waveform is distorted. To prevent this, a by-pass capacitor is serially connected to
the resistor to lower voltage division impedance caused by the splitting of resistors as shown in
Figures 9 and 10.
As the values of R, VR, and C vary according to the LCD size used and VLCD (LCD drive voltage),
these values have to be determined through actual experimentation in combination with the
LCD.
(Example set values: R = 3.3 to 10kW, VR = 10 to 30kW, and C = 0.0022 mF to 0.047 mF)
Figure 17 shows an application circuit for the ML9040-Axx/-Bxx and MSM5259 including a bias
circuit.
The bias voltage has to maintain the following potential relation:
VDD > V1 > V2 ≥ V3 > V4 > V5
Figure 4
• In the case of 1-line 16 characters display (5 x 7 dots/font)
COM1
SEG1
SEG40
O1
O40
ML9040-Axx/-Bxx/-Cxx/-Dxx
DO
CP
DF
L
DI1
CP
MSM5259
DF
LOAD
DO20 DI21
LCD
COM8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com