Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 10 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 6Page - OKI electronic componets ML9040 Datasheet HTML 7Page - OKI electronic componets ML9040 Datasheet HTML 8Page - OKI electronic componets ML9040 Datasheet HTML 9Page - OKI electronic componets ML9040 Datasheet HTML 10Page - OKI electronic componets ML9040 Datasheet HTML 11Page - OKI electronic componets ML9040 Datasheet HTML 12Page - OKI electronic componets ML9040 Datasheet HTML 13Page - OKI electronic componets ML9040 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
¡ Semiconductor
ML9040-Axx/-Bxx
10
• Timing for output to the CPU
Parameter
R/W and RS setup time
Symbol
Min.
Typ.
Max.
Unit
tB
140
—
—
ns
E "H" pulse width
tW
280
—
—
ns
R/W and RS hold time
tA
10
—
—
ns
E rise time
tr
—
—
100
ns
E fall time
tf
—
—
100
ns
*
*
E "L" pulse width
tL
280
—
—
ns
E cycle time
tC
667
—
—
ns
DB0 to DB7 data output delay time
tD
—
—
220
ns
DB0 to DB7 data output hold time
tO
20
—
—
ns
(VDD = 4.5 to 4.5V, Ta = –20 to +75°C)
R/W
RS
VIL1
E
DB0-DB7
tW
VIH1
VIH1
VIH1
VIL1
VOH1
VOL1
VOH1
VOL1
Output data
VIH1
VIL1
tA
VIH1
VIL1
VIH1
tr
tB
tD
tO
VIL1
tL
tf
tC
*
Values of tr and tf are design specification and are actually determined after sample
evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com