Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 45 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 45 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 39Page - OKI electronic componets ML9040 Datasheet HTML 40Page - OKI electronic componets ML9040 Datasheet HTML 41Page - OKI electronic componets ML9040 Datasheet HTML 42Page - OKI electronic componets ML9040 Datasheet HTML 43Page - OKI electronic componets ML9040 Datasheet HTML 44Page - OKI electronic componets ML9040 Datasheet HTML 45Page - OKI electronic componets ML9040 Datasheet HTML 46Page - OKI electronic componets ML9040 Datasheet HTML 47Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
ML9040-Axx/-Bxx
¡ Semiconductor
45
(2) When data input/output to and from the CPU is carried out by 4 bits (DB4 to DB7):
q Turn on the power.
w Wait for 15 ms or more after VDD has reached 4.5V or more.
e Set 8B by initial setting of instruction.
r Wait for 4.1 ms or more.
t Set 8B by initial setting of instruction.
y Wait for 100 ms or more.
u Set 8B by initial setting of instruction.
i Check the busy flag as No Busy.
o Set 4B by initial setting of instruction.
!0 Wait for 100 ms or more.
!1 Set 4B, LCD line number (N) and character font (F) by initial setting of instruction.
(After this, the LCD line number and character font cannot be changed.)
!2 Check No Busy.
!3 Clear the display by setting the display mode.
!4 Check No Busy.
!5 Clear the display.
!6 Check No Busy.
!7 Set the shift mode.
!8 Check No Busy.
!9 Initialization completed.
Example of Instruction Code for Steps e, t, and u.
Example of Instruction Code for Step o.
Example of Instruction Code for Step !1.
Execute two-step accesses in 4 bits from Step o to Step !8.
L
R/W
L
RS
L
DB7
L
DB6
H
DB5
H
DB4
H
RS1
L
RS0
H
R/W
BF
DB7
Q6
DB6
Q5
DB5
Q4
DB4
L
R/W
L
RS
L
DB7
L
DB6
H
DB5
L
DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com