Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 25 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 25 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 21Page - OKI electronic componets ML9040 Datasheet HTML 22Page - OKI electronic componets ML9040 Datasheet HTML 23Page - OKI electronic componets ML9040 Datasheet HTML 24Page - OKI electronic componets ML9040 Datasheet HTML 25Page - OKI electronic componets ML9040 Datasheet HTML 26Page - OKI electronic componets ML9040 Datasheet HTML 27Page - OKI electronic componets ML9040 Datasheet HTML 28Page - OKI electronic componets ML9040 Datasheet HTML 29Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
ML9040-Axx/-Bxx
¡ Semiconductor
25
Data Bus Connected with CPU
The data bus connected with CPU is available either once for 8 bits or twice for 4 bits. This
allows the ML9040-Axx/-Bxx to be interfaced with either an 8-bit or 4-bit CPU.
(1) When the interface data bus is 8 bits
Data bus DB0 to DB7 (8 lines) are all used and data input/output is carried out in one
step.
(2) When the interface data bus is 4 bits
The 8-bit data input/output is carried out in two steps by using only high-order 4 bits
of data bus DB4 to DB7 (4 lines)
The first time data input/output is made for 4-high order bits (DB4 to DB7) and the
second time data input/output is made for low-order 4 bits (DB0 to DB3). Even when
the data input/output can be completed through high-order 4 bits, be sure to make
another input/output of low-order 4 bits.
(Example: Busy flag Read).
Since the data input/output is carried out in two steps as one execution, no normal data
transfer is executed from the next input/output if accessed only once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com