Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 5Page - OKI electronic componets ML9040 Datasheet HTML 6Page - OKI electronic componets ML9040 Datasheet HTML 7Page - OKI electronic componets ML9040 Datasheet HTML 8Page - OKI electronic componets ML9040 Datasheet HTML 9Page - OKI electronic componets ML9040 Datasheet HTML 10Page - OKI electronic componets ML9040 Datasheet HTML 11Page - OKI electronic componets ML9040 Datasheet HTML 12Page - OKI electronic componets ML9040 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
ML9040-Axx/-Bxx
¡ Semiconductor
9
0.5VDD
0.5VDD
tLW
tHW
0.5VDD
fDUTY = tHW/ (tHW + tLW) x 100(%)
*3 Applied to pulse input via OSC1.
fIN
waveform
*4 Applied to pulse input via OSC1.(-Axx/-Bxx)
VDD–1.0V
1.0V
1.0V
VDD–1.0V
tr
tf
fIN
waveform
Ceralock : CSB250A (mfd. by MURATA MFG.Co.)
*5
OSC1
OSC2
C1
C2
Rd
Rf
Ceralock
Please contact us when using this circuit.
: 510kW
±5%
: 30kW
±5%
: 200pF
±10%
: 200pF
±10%
Rf
Rd
C1
C2
VLCD is an LCD driving voltage. (For "N" (number of LCD lines),
refer to the initial set of the instruction code.)
V1
1-line mode
2-line mode
Pin
VDD –
VLCD
4
N (LCD lines)
VDD –
VLCD
5
V2
VDD –
VLCD
2
VDD –
2VLCD
5
V3
VDD –
VLCD
2
V4
V5
VDD – VLCD
VDD –
3VLCD
5
VDD –
4VLCD
5
VDD – VLCD
VDD –
3VLCD
4
*6 Input the voltage listed in the table below to V1 - V5:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com