Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 28 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 28 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 24Page - OKI electronic componets ML9040 Datasheet HTML 25Page - OKI electronic componets ML9040 Datasheet HTML 26Page - OKI electronic componets ML9040 Datasheet HTML 27Page - OKI electronic componets ML9040 Datasheet HTML 28Page - OKI electronic componets ML9040 Datasheet HTML 29Page - OKI electronic componets ML9040 Datasheet HTML 30Page - OKI electronic componets ML9040 Datasheet HTML 31Page - OKI electronic componets ML9040 Datasheet HTML 32Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
¡ Semiconductor
ML9040-Axx/-Bxx
28
L
R/W
Instruction code
L
RS
L
DB7
L
DB6
L
DB5
L
DB4
L
DB3
L
DB2
L
DB1
H
DB0
Instruction Code
The instruction code is defined as the signal through which the ML9040-Axx/-Bxx is
accessed by the CPU.
The ML9040-Axx/-Bxx begins operation upon receipt of the instruction code input.
As the internal processing operation of ML9040-Axx/-Bxx starts in a timing that does not
affect the LCD display, the busy status continues for longer than the CPU cycle time.
Under the busy status (when the busy flag is set to "H"), the ML9040-Axx/-Bxx does not
execute any instructions other than the busy flag read.
Therefore, the CPU has to verify that the busy flag is set to "L" prior to the input of the
instruction code.
(1) Display clear:
When this instruction is executed, the LCD display is cleared.
I/D in the entry mode setting is set to "H" (increment). SH does not change.
When the cursor and blink are in display, the blinking position moves to the left end of the
LCD (the left end of the first line in the 2-line display mode).
(Note) All DD RAM data goes to "20" (hex.), while the address counter (ADC) goes to "00"
(hex.). The execution time is 1.64 ms (max.), when the OSC oscillation frequency
is 250 kHz.
(2) Cursor home
When this instruction is executed while the cursor and blink are being displayed, the
blinking position moves to the left end of the LCD (to the left end of the first line in the 2-
line display mode).
While the display is in shift, the display returns to its original position before shifting.
(Note) The address counter (ADC) goes to "00" (hex.). The execution time is 1.64 ms
(max.), when the OSC oscillation frequency is 250 kHz.
L
R/W
Instruction code
L
RS
L
DB7
L
DB6
L
DB5
L
DB4
L
DB3
L
DB2
H
DB1
X
DB0
X : Don't Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com