Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 37 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 37 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 33Page - OKI electronic componets ML9040 Datasheet HTML 34Page - OKI electronic componets ML9040 Datasheet HTML 35Page - OKI electronic componets ML9040 Datasheet HTML 36Page - OKI electronic componets ML9040 Datasheet HTML 37Page - OKI electronic componets ML9040 Datasheet HTML 38Page - OKI electronic componets ML9040 Datasheet HTML 39Page - OKI electronic componets ML9040 Datasheet HTML 40Page - OKI electronic componets ML9040 Datasheet HTML 41Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
ML9040-Axx/-Bxx
¡ Semiconductor
37
LCD Drive Waveforms
Figures 12, 13 and 17 show the LCD driving waveforms consisting of COM signal, SEG signal,
DF signal and L (latch pulse waveform) signal, in the duty of 1/8, 1/11 and 1/16 respectively.
The relation between duty and frame frequency is described in the table below.
(Note) The OSC oscillation frequency is assumed to be 250 kHz.
Duty
1/8
78.1 Hz
Frame frequency
1/11
56.8 Hz
1/16
78.1 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com