Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 13Page - OKI electronic componets ML9040 Datasheet HTML 14Page - OKI electronic componets ML9040 Datasheet HTML 15Page - OKI electronic componets ML9040 Datasheet HTML 16Page - OKI electronic componets ML9040 Datasheet HTML 17Page - OKI electronic componets ML9040 Datasheet HTML 18Page - OKI electronic componets ML9040 Datasheet HTML 19Page - OKI electronic componets ML9040 Datasheet HTML 20Page - OKI electronic componets ML9040 Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
ML9040-Axx/-Bxx
¡ Semiconductor
17
When the display is shifted by instruction, the correspondence between the LCD
display position and the DD RAM address changes as shown below:
00
First
digit
01
2
02
3
03
4
04
5
40
41
42
43
44
First line
Second line
05
6
06
7
07
8
45
46
47
ML9040-Axx/-Bxx display
08
09
10
0A
11
0B
12
0C
13
48
49
4A
4B
4C
0D
14
0E
15
27
16
4D
4E
67
MSM5259 display
9
(Display shifted to right)
First
digit
01
2
02
3
03
4
04
5
41
42
43
44
First line
Second line
05
6
06
7
07
8
45
46
47
ML9040-Axx/-Bxx display
08
09
10
0A
11
0B
12
0C
13
48
49
4A
4B
4C
0D
14
0E
15
16
4D
4E
MSM5259 display
9
(Display shifted to left)
10
4F
50
0F
(8) Since the ML9040-Axx/-Bxx has a DD RAM capacity of up to 80 characters, up to 4
MSM5259 devices can be connected to the ML9040-Axx/-Bxx in the 2-line display
mode.
Character Generator ROM (CG ROM)
The CG ROM is used to generate 5 x 7 dots (160 kinds) or 5 x 10 dots (32 kinds) character
patterns from an 8-bit DD RAM character code signal.
The correspondence between 8-bit character codes and character patterns is shown in
Table 2.
When the 8-bit character code of the CG ROM is written to the DD RAM, the character
pattern of the CG ROM corresponding to the code is displayed on the LCD display position
corresponding to the DD RAM address.
00
First
digit
01
2
02
3
03
4
04
5
05
6
06
7
07
8
08 09
10
0A
11
0B
12
0C
13
0D
14
0E
15
0F
16
9
MSM5259 (1) display
ML9040-Axx/-Bxx display
10 11
18
17
20 21
34
22
35
23
36
24
37
25
38
26
39
27
40
33
MSM5259 (4) display
MSM5259
(2) - (3) display
40 41 42 43 44 45 46 47 48 49 4A 4B 4C 4D 4E 4F 50 51
60 61 62 63 64 65 66 67
First line
Second line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com