Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 16 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 12Page - OKI electronic componets ML9040 Datasheet HTML 13Page - OKI electronic componets ML9040 Datasheet HTML 14Page - OKI electronic componets ML9040 Datasheet HTML 15Page - OKI electronic componets ML9040 Datasheet HTML 16Page - OKI electronic componets ML9040 Datasheet HTML 17Page - OKI electronic componets ML9040 Datasheet HTML 18Page - OKI electronic componets ML9040 Datasheet HTML 19Page - OKI electronic componets ML9040 Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
¡ Semiconductor
ML9040-Axx/-Bxx
16
(5) Correspondence between address and display position in the 2-line display mode
(Note) The last address of the first line is not consecutive to the head address of the
second line.
(6)When ML9040-Axx/-Bxx alone is used, up to 16 characters (8 characters x 2 lines) can
be displayed from the first to eighth digit.
When the display is shifted by instruction, the correspondence between the LCD
display position and the DD RAM address changes as shown below:
(7)When the ML9040-Axx/-Bxx is used with one MSM5259, up to 32 characters (16
characters x 2 lines) can be displayed from the first to the sixteenth digit.
00
First
digit
01
2
02
3
03
4
04
5
40
41
42
43
44
First line
Second line
05
6
06
7
07
8
45
46
47
ML9040-Axx/-Bxx display
08
09
10
0A
11
0B
12
0C
13
48
49
4A
4B
4C
0D
14
0E
15
0F
16
4D
4E
4F
MSM5259 display
9
00
First
digit
01
2
02
3
03
4
04
5
40
41
42
43
44
First line
Second line
05
6
06
7
07
8
45
46
47
27
First
digit
00
2
01
3
02
4
03
5
67
40
41
42
43
First line
Second line
04
6
05
7
06
8
44
45
46
(Display shifted to right)
01
First
digit
02
2
03
3
04
4
05
5
41
42
43
44
45
First line
Second line
06
6
07
7
08
8
46
47
48
(Display shifted to left)
00
First
digit
01
2
02
3
03
4
04
5
26
39
27
40
Display position
DD RAM address (hex.)
40
41
42
43
44
66
67
First line
Second line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com