Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 29 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 29 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 25Page - OKI electronic componets ML9040 Datasheet HTML 26Page - OKI electronic componets ML9040 Datasheet HTML 27Page - OKI electronic componets ML9040 Datasheet HTML 28Page - OKI electronic componets ML9040 Datasheet HTML 29Page - OKI electronic componets ML9040 Datasheet HTML 30Page - OKI electronic componets ML9040 Datasheet HTML 31Page - OKI electronic componets ML9040 Datasheet HTML 32Page - OKI electronic componets ML9040 Datasheet HTML 33Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
ML9040-Axx/-Bxx
¡ Semiconductor
29
L
R/W
Instruction code
L
RS
L
DB7
L
DB6
L
DB5
L
DB4
L
DB3
H
DB2
I/D
DB1
SH
DB0
(3) Entry mode setting
1 When the I/D is set, the 8-bit character code is written or read to and from the DD
RAM, the cursor and blink shift to the right by 1 character position (I/D = "H";
increment) or to the left by 1 character position (I/D = "L"; decrement).
The address counter is incremented (I/D = "H") or decremented (I/D = "L") by 1 at
this time. Even after the character pattern code is written or read to and from the
CG RAM, the address counter (ADC) is incremented (I/D = "H") or decremented
(I/D = "L") by 1.
2 When SH = "H" is set, the character code is written to the DD RAM. Then the cursor
and blink stop and the entire display shifts to the left (I/D = "H") or to the right (I/
D = "L") by 1 character position.
When the character is read from the DD RAM during SH = "H", or when the
character pattern data is written or read to or from the CG RAM during SH = "H",
the entire display does not shift, but normal write/read is performed (the entire
display does not shift, but the cursor and blink shift to the right (I/D = "H") or to the
left (I/D = "L") by 1 character position.
When SH = "L" is set, the display does not shift, but normal write/read is performed.
The execution time when the OSC oscillation frequency is 250 kHz is 40 ms.
(4) Display mode setting
L
R/W
Instruction code
L
RS
L
DB7
L
DB6
L
DB5
L
DB4
H
DB3
DI
DB2
C
DB1
B
DB0
1 The DI bit controls whether the character pattern is displayed or not displayed.
When DI is "H", this bit makes the LCD display the character pattern.
When DI is "L", the LCD character pattern is not displayed. The cursor and blink
are also cancelled at this time.
(Note) Unlike the display clear, the character code is not rewritten at all.
2 The cursor is not displayed when C = "L" and is displayed when DI = "H" and C =
"H".
3 The blink is cancelled when B = "L" and is executed when DI = "H" and B = "H".
In the blink mode, all dots (including the cursor) and displaying character pattern
and cursor are displayed alternately at 409.6 ms (in 5 x 7 dots character font) or 563.2
ms (in 5 x 10 dots character font) when the OSC oscillation frequency is 250 kHz. The
execution time when the OSC oscillation frequency is 250 kHz is 40 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com