Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 8Page - OKI electronic componets ML9040 Datasheet HTML 9Page - OKI electronic componets ML9040 Datasheet HTML 10Page - OKI electronic componets ML9040 Datasheet HTML 11Page - OKI electronic componets ML9040 Datasheet HTML 12Page - OKI electronic componets ML9040 Datasheet HTML 13Page - OKI electronic componets ML9040 Datasheet HTML 14Page - OKI electronic componets ML9040 Datasheet HTML 15Page - OKI electronic componets ML9040 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
¡ Semiconductor
ML9040-Axx/-Bxx
12
• Timing for output to MSM5259
Parameter
CP "H" pulse width
Symbol
Min.
Typ.
Max.
Unit
tHW1
800
—
—
ns
CP "L" pulse width
tLW
800
—
—
ns
DO setup time
tS
300
—
—
ns
DO holding time
tDH
300
—
—
ns
"L" clock set-up time
tSU
500
—
—
ns
"L" clock hold time
tHO
100
—
—
ns
"L" "H" pulse width
tHW2
800
—
—
ns
DF delay time
tM
–1000
—
1000
ns
(VDD = 4.5 to 5.5V, Ta = –20 to +75°C)
CP
VOH2
VOL2
VOH2
VOL2
tDH
ts
tHW1
VOH2 VOH2
VOH2
VOL2
VOL2
VOL2
VOH2
VOH2
VOH2
VOL2
VOH2
tM
tHW2
tSU
tHO
L
DO
DF
tLW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com