Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML9040 Datasheet HTML 3Page - OKI electronic componets ML9040 Datasheet HTML 4Page - OKI electronic componets ML9040 Datasheet HTML 5Page - OKI electronic componets ML9040 Datasheet HTML 6Page - OKI electronic componets ML9040 Datasheet HTML 7Page - OKI electronic componets ML9040 Datasheet HTML 8Page - OKI electronic componets ML9040 Datasheet HTML 9Page - OKI electronic componets ML9040 Datasheet HTML 10Page - OKI electronic componets ML9040 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
ML9040-Axx/-Bxx
¡ Semiconductor
7
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
"H" Input Voltage
(VDD = 4.5 to 5.5V, Ta = –20 to +75°C)
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pin
VIH1
—
2.2
—
VDD
V
R/W, RS, E,
DB0 - DB7
"L" Input Voltage
VIL1
—
–0.3
—
0.6
V
"H" Input Voltage
VIH2
—VDD–1.0
—
VDD
V
OSC1
"L" Input Voltage
VIL2
—
–0.3
—
1.0
V
"H" Output Voltage
VOH1
IO = –0.205mA
2.4
—
—
V
DB0 - DB7
"L" Output Voltage
VOL1
IO = 1.2mA
—
—
0.4
V
"H" Output Voltage
VOH2
IO = –40mA
0.9VDD
—
—
V
DO, CP, L,
DC, OSC2
"L" Output Voltage
VOL2
IO = 40mA
—
—
0.1VDD
V
Driver ON Resistor
(COM pins)
RCOM
IO = ±50mA, VLCD = 4V
—
—
20
kW
COM1 - COM16
Driver ON Resistor
(SEG pins)
RSEG
IO = ±50mA, VLCD = 4V
—
—
30
kW
SEG1 - SEG40
Schmitt voltage
width
VSUM
———
TBD
3.0
3.0
TBD
TBD
V
E
Built-in reset
detection voltage
VRES
———
—
—
3.0
V
VDD
Input Leakage Current
IIL
VI = VSS
——
–1
mA
E
VI = VDD
——
1
mA
Input Current
IIL2
VDD = 5.0V
VI = VSS
–50
–125
–250
mA
R/W, RS
DB0 - DB7
VI = VDD, excluding current
flowing over pullup resistor
and output drive MOS
——
2
mA
VDD = 5.0V,
resistor oscillation or
external clock input via
OSC1.
fOSC = 270kHz.
E is in "L" level.
Other inputs are open.
Output pins are
all no load.
*1
VDD
Supply Current (1)
IDD1
—
0.35
0.6
mA
LCD Driving Bias
Input Voltage
VLCD1
1/5 bias
—
6.0
V
VDD, V1, V2,
V3, V4, V5
1/4 bias
—
6.0
VDD
Supply Current (2)
IDD2
—
0.55
0.8
mA
VLCD2
VDD = 5.0V,
ceramic oscillation,
fOSC = 250kHz.
E is in "L" level.
Other pins are open.
Output pins are
all no load.
*1
VDD–V5
*6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com