Electronic Components Datasheet Search
  English  ▼

X  

ML9040 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML9040
Description  DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9040 Datasheet(HTML) 5 Page - OKI electronic componets

  ML9040 Datasheet HTML 1Page - OKI electronic componets ML9040 Datasheet HTML 2Page - OKI electronic componets ML9040 Datasheet HTML 3Page - OKI electronic componets ML9040 Datasheet HTML 4Page - OKI electronic componets ML9040 Datasheet HTML 5Page - OKI electronic componets ML9040 Datasheet HTML 6Page - OKI electronic componets ML9040 Datasheet HTML 7Page - OKI electronic componets ML9040 Datasheet HTML 8Page - OKI electronic componets ML9040 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
ML9040-Axx/-Bxx
¡ Semiconductor
5
PIN DESCRIPTIONS
Symbol
R/W
Read/write selection input pin.
"H" : Read, and "L" : Write
Description
RS
Register selection input pin.
"H" : Data register, and "L" : Instruction register
E
Input pin for data input/output with CPU and for instruction register activation.
DB0 - DB7
Input/output pins for data send/receive with CPU
OSC1, OSC2
Clock oscillating pins required for internal operation upon receipt of the LCD drive signal
and CPU instruction.
COM1 - COM16
LCD COMMON signal output pins.
SEG1 - SEG40
LCD SEGMENT signal output pins.
DO
Output pin to be connected to MSM5259 to expand the number of characters to be
displayed.
CP
Clock output pin used when DO pin data output shifts inside of MSM5259.
L
Clock output pin for the serially transferred data to be latched to MSM5259.
DF
The alternating current signal (Display Frequency) output pin.
VDD
Power supply pin.
GND
Ground pin.
V1, V2, V3, V4, V5
Bias voltage input pins to drive the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com