Electronic Components Datasheet Search
  English  ▼

X  

AD9152 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9152
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9152 Datasheet HTML 28Page - Analog Devices AD9152 Datasheet HTML 29Page - Analog Devices AD9152 Datasheet HTML 30Page - Analog Devices AD9152 Datasheet HTML 31Page - Analog Devices AD9152 Datasheet HTML 32Page - Analog Devices AD9152 Datasheet HTML 33Page - Analog Devices AD9152 Datasheet HTML 34Page - Analog Devices AD9152 Datasheet HTML 35Page - Analog Devices AD9152 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 103 page
background image
AD9152
Data Sheet
Rev. B | Page 32 of 103
PHYSICAL LAYER
The physical layer of the JESD204B interface, hereafter referred
to as the deserializer, has four identical channels. Each channel
consists of the terminators, an equalizer, a CDR circuit, and the
1:40 demux function (see Figure 38).
JESD204B data is input to the AD9152 via the SERDINx±
differential input pins per the JESD204B specification.
Interface Power-Up and Input Termination
Before using the JESD204B interface, it must be powered up by
setting Register 0x200, Bit 0 = 0. In addition, each physical lane that
is not being used (SERDINx±) must be powered down. To do
so, set the corresponding Bit x for Physical Lane x in Register 0x201
to 0 if the physical lane is being used, and to 1 if it is not being used.
The AD9152 autocalibrates the input termination to 50 Ω. Before
running the termination calibration, write to Register 0x2AA
and Register 0x2AB as described in Table 34 to guarantee
proper calibration. The termination calibration begins when
Register 0x2A7, Bit 0 transitions from low to high.
The PHY termination autocalibration routine is as shown in
Table 34.
Table 34. PHY Termination Autocalibration Routine
Address
Value
Description
0x2AA1
0xB7
JESD204B interface termination configuration
0x2AB1
0x87
JESD204B interface termination configuration
0x2A7
0x01
Autotune PHY terminations
1 Register 0x2AA and Register 0x2A8 must be set to the recommend value in
Table 34 and do not appear in the register map.
The input termination voltage of the DAC is sourced externally
via the VTT pins (Pin 13 and Pin 30). Set VTT by connecting it to
SVDD12. It is recommended to ac couple the JESD204B inputs
to the JESD204B transmit device using 100 nF capacitors.
Receiver Eye Mask
The AD9152 complies with the JESD204B specification
regarding the receiver eye mask and is capable of capturing data
that complies with this mask. Figure 39 shows the receiver eye
mask normalized to the data rate interval with a VTT swing of
600 mV. See the JESD204B specification for more information
regarding the eye mask and permitted receiver eye opening.
525
55
0
–55
–525
0
0.5
1.00
0.35
0.65
TIME (UI)
LV-OIF-11G-SR Rx EYE MASK
Figure 39. Receiver Eye Mask
Clock Relationships
The following clocks rates are used throughout the rest of the
JESD204B section. The relationship between any of the clocks
can be derived from the following equations:
DataRate = (DACRate)/(InterpolationFactor)
LaneRate = (20 × DataRate × M)/L
where:
M is the JESD204B parameter for converters per link.
L is the JESD204B parameter for lanes per link.
ByteRate = LaneRate/10
This comes from 8-bit/10-bit encoding, where each byte is
represented by 10 bits.
PClockRate = ByteRate/4
The processing clock is used for a quad-byte decoder.
FrameRate = ByteRate/F
where F is defined as octets per frame per lane.
PClockFactor = FrameRate/PClockRate = 4/F
SERDES PLL
Functional Overview of the SERDES PLL
The independent SERDES PLL uses integer-N techniques to
achieve clock synthesis. The entire SERDES PLL is integrated
on chip, including the VCO and the loop filter. The SERDES
PLL VCO operates over the range of 5.75 GHz to 12.38 GHz.
In the SERDES PLL, a VCO divider block divides the VCO
clock by 2 to generate a 2.88 GHz to 6.19 GHz quadrature clock
for the deserializer cores. This clock is the input to the clock
and data recovery block that is described in the Clock and Data
Recovery section.
The reference clock to the SERDES PLL is always running at a
frequency, fREF, that is equal to 1/40 of the lane rate (PClockRate).
This clock is divided by the DivFactor value to deliver a clock to
the PFD block that is between 35 MHz and 80 MHz. Table 35
includes the respective SERDES_PLL_DIV_MODE settings for
each of the desired DivFactor options available.
Table 35. SERDES PLL Divider Settings
LaneRate (Gbps)
Divide by
(DivFactor)
SERDES_PLL_DIV_MODE
Register 0x289, Bits[1:0]
1.44 to 3.09
1
2
2.88 to 6.19
2
1
5.75 to 12.38
4
0
Register 0x280 controls the synthesizer enable and recalibration.
To enable the SERDES PLL, first set the PLL divider register
according to Table 35, and then enable the SERDES PLL by
writing 1 to Register 0x280, Bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com