Electronic Components Datasheet Search
  English  ▼

X  

AD9152 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9152
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9152 Datasheet HTML 69Page - Analog Devices AD9152 Datasheet HTML 70Page - Analog Devices AD9152 Datasheet HTML 71Page - Analog Devices AD9152 Datasheet HTML 72Page - Analog Devices AD9152 Datasheet HTML 73Page - Analog Devices AD9152 Datasheet HTML 74Page - Analog Devices AD9152 Datasheet HTML 75Page - Analog Devices AD9152 Datasheet HTML 76Page - Analog Devices AD9152 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 103 page
background image
Data Sheet
AD9152
Rev. B | Page 73 of 103
package size of the capacitor so that the pad size on the PCB
matches the trace width as closely as possible.
SYNCOUT±, SYSREF±, and DACCLK±/REFCLK± Signals
The SYNCOUT± and SYSREF± signals on the AD9152 are low
speed LVDS differential signals. Use controlled impedance
traces routed with 100 Ω differential impedance and 50 Ω to
ground when routing these signals. As with the SERDIN0± to
SERDIN3± data pairs, it is important to keep these signals
separated from potential noise sources such as high speed
digital signals and noisy supplies.
Separate the SYNCOUT± signal from other noisy signals,
because noise on the SYNCOUT± might be interpreted as a
request for K characters.
It is important to keep similar trace lengths for the
DACCLK±/REFCLK± and SYSREF± signals from the clock
source to each of the devices on either end of the JESD204B
links, see Figure 77. If using a clock chip that can tightly control
the phase of DACCLK±/REFCLK± and SYSREF±, the trace
length matching requirements are greatly reduced.
CLOCK SOURCE
(AD9516-1, AD9525,
AND AD9528)
LANE 0
LANE 1
LANE N – 1
LANE N
DEVICE CLOCK
DEVICE CLOCK
SYSREF
SYSREF
SYSREF TRACE LENGTH
SYSREF TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
Tx
DEVICE
Rx
DEVICE
Figure 77. SYSREF± Signal and Device Clock Trace Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com