Electronic Components Datasheet Search
  English  ▼

X  

AD9152 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9152
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9152 Datasheet HTML 16Page - Analog Devices AD9152 Datasheet HTML 17Page - Analog Devices AD9152 Datasheet HTML 18Page - Analog Devices AD9152 Datasheet HTML 19Page - Analog Devices AD9152 Datasheet HTML 20Page - Analog Devices AD9152 Datasheet HTML 21Page - Analog Devices AD9152 Datasheet HTML 22Page - Analog Devices AD9152 Datasheet HTML 23Page - Analog Devices AD9152 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 103 page
background image
AD9152
Data Sheet
Rev. B | Page 20 of 103
THEORY OF OPERATION
The AD9152 is a 16-bit, dual DAC with a SERDES interface.
Figure 2 shows a detailed functional block diagram of the
AD9152. Four high speed serial lanes carry data at a maximum
speed of 12.38 Gbps, and a 1.238 GSPS input data rate to the DACs.
Compared to either LVDS or CMOS interfaces, the SERDES
interface simplifies pin count, board layout, and input clock
requirements to the device.
The clock for the input data is derived from the device clock
(required by the JESD204B specification). This device clock can
be sourced with a PLL reference clock used by the on-chip PLL
to generate a DAC clock, a high fidelity direct external DAC
sampling clock, or a 2× DAC frequency RF clock. The device can
be configured to operate in one-, two-, or four-lane modes,
depending on the required input data rate.
The digital datapath of the AD9152 offers four interpolation
modes (1×, 2×, 4×, and 8×) through three half-band filters with
a maximum DAC sample rate of 2.25 GSPS. An inverse sinc
filter compensates for sinc related roll-off. The PFIR filter
compensates the gain over frequency in a more flexible way.
The AD9152 DAC cores provide a fully differential current
output with a nominal full-scale current of 20 mA. The full-scale
current, IOUTFS, is user adjustable to between 4.04 mA and
20.22 mA, typically. The differential current outputs are
complementary and are optimized for easy integration with the
Analog Devices ADRF6720 AQM. The AD9152 is capable of
multichip synchronization that can both synchronize multiple
DACs and establish a constant and deterministic latency
(latency locking) path for the DACs. The latency for each of the
DACs remains constant from link establishment to link
establishment. An external alignment (SYSREF±) signal makes
the AD9152 Subclass 1 compliant. Several modes of SYSREF±
signal handling are available for use in the system.
An SPI configures the various functional blocks and monitors
their statuses. The various functional blocks and the data interface
must be set up in a specific sequence for proper operation (see the
Device Setup Guide section). Simple SPI initialization routines set
up the JESD204B link and are included in the evaluation board
package. The following sections describe the various blocks of
the AD9152 in greater detail. Descriptions of the JESD204B
interface, control parameters, and various registers to set up and
monitor the device are provided. The recommended start-up
routine reliably sets up the data link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com