Electronic Components Datasheet Search
  English  ▼

X  

AD9152 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9152
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9152 Datasheet HTML 13Page - Analog Devices AD9152 Datasheet HTML 14Page - Analog Devices AD9152 Datasheet HTML 15Page - Analog Devices AD9152 Datasheet HTML 16Page - Analog Devices AD9152 Datasheet HTML 17Page - Analog Devices AD9152 Datasheet HTML 18Page - Analog Devices AD9152 Datasheet HTML 19Page - Analog Devices AD9152 Datasheet HTML 20Page - Analog Devices AD9152 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
Data Sheet
AD9152
Rev. B | Page 17 of 103
fDAC: 1966.08MHz
fDAC: 983.04MHz
PLL OFF
PLL ON
fOUT (MHz)
–165
–170
–160
–155
–140
–135
–145
–150
–130
0
200
400
600
800
1000
Figure 16. Single Tone NSD vs. fOUT, PLL On and Off
fOUT (MHz)
–80
–90
–70
–60
–50
–40
fDAC: 1966.08MHz
fDAC: 983.04MHz
PLL OFF
PLL ON
0
200
400
600
800
1000
Figure 17. One-Carrier (1C) 5 MHz Bandwidth LTE, First Adjacent ACLR vs. fOUT,
PLL On and Off
fOUT (MHz)
–80
–90
–70
–60
–50
–40
fDAC: 1966.08MHz
fDAC: 983.04MHz
PLL OFF
PLL ON
0
200
400
600
800
1000
Figure 18. 1C 5 MHz Bandwidth LTE, Second Adjacent ACLR vs. fOUT,
PLL On and Off
Figure 19. Two-Tone, Third-Order IMD Performance, IF = 180 MHz,
fDAC = 1966.08 MHz
Figure 20. 1C 5 MHz Bandwidth LTE ACLR Performance, IF = 180 MHz,
fDAC = 1966.08 MHz
Figure 21. 1C 20 MHz Bandwidth LTE ACLR Performance, IF = 180 MHz,
fDAC = 1966.08 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com