Electronic Components Datasheet Search
  English  ▼

X  

AD9152 Datasheet(PDF) 65 Page - Analog Devices

Part # AD9152
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9152 Datasheet HTML 61Page - Analog Devices AD9152 Datasheet HTML 62Page - Analog Devices AD9152 Datasheet HTML 63Page - Analog Devices AD9152 Datasheet HTML 64Page - Analog Devices AD9152 Datasheet HTML 65Page - Analog Devices AD9152 Datasheet HTML 66Page - Analog Devices AD9152 Datasheet HTML 67Page - Analog Devices AD9152 Datasheet HTML 68Page - Analog Devices AD9152 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 103 page
background image
Data Sheet
AD9152
Rev. B | Page 65 of 103
the VCO. A low noise VCO is tunable over an octave with an
oscillation range of 6 GHz to 12 GHz.
The clock multiplication circuit operates such that the VCO
outputs a frequency, fVCO.
fVCO = fDAC × LODivFactor
(3)
From Equation 2, the DAC sample clock frequency, fDAC, equals
or
RefDivFact
f
BCount
f
REF
DAC
×
×
= 2
(4)
The LODivFactor is chosen to keep fVCO in the operating range
between 6 GHz and 12 GHz. The valid values for LODivFactor
are 4, 8, and 16. Each LODivFactor maps to a LO_DIV_MODE
value. The LO_DIV_MODE (Register 0x08B, Bits[1:0]) is
programmed as described in Table 71.
Table 71. DAC VCO Divider Selection
DAC Frequency
Range (MHz)
Divide by Factor
(LODivFactor)
LO_DIV_MODE,
Register 0x08B, Bits[1:0]
>1500
4
1
750 to 1500
8
2
420 to 750
16
3
Table 72 lists some common frequency examples for the
RefDivFactor, LODivFactor, and BCount values that are needed
to configure the PLL properly.
Table 72. Common Frequency Examples
Freq.
(MHz)
fDAC (MHz)
fVCO
(MHz)
RefDiv-
Factor
LODiv-
Factor
BCount
368.64
1474.56
11796.48
8
8
16
184.32
1474.56
11796.48
4
8
16
307.2
1228.88
9831.04
8
8
16
122.88
983.04
7864.35
2
8
8
61.44
983.04
7864.35
1
8
8
491.52
1966.08
7864.35
8
4
16
245.76
1966.08
7864.35
4
4
16
Temperature Tracking
When properly configured, the device automatically selects one of
the 512 VCO bands. The PLL settings selected by the device ensure
that the PLL remains locked over the full −40°C to +85°C operating
temperature range of the device without further adjustment. The
PLL remains locked over the full temperature range even if the
temperature during initialization is at one of the temperature
extremes.
To properly configure temperature tracking, See Figure 17 and
Figure 18 and the fVCO dependent SPI writes shown in Table 73.
Table 73. DAC PLL VCO Control Lookup Table
VCO
Frequency
Range (GHz)
Register
0x1B6
Setting
Register
0x1BB
Setting
Register
0x1B5
Setting
Register
0x1C5
Setting
fVCO < 6.84
0x49
0x1A
0xC7
0x08
6.84 ≤ fVCO <
8.69
0x49
0x12
0xC9
0x06
8.69 ≤ fVCO <
10.54
0x4D
0x04
0xC9
0x06
fVCO ≥ 10.54
0x4D
0x04
0xC9
0x06
STARTING THE PLL
The programming sequence for the DAC PLL is as follows:
1.
Use the equations in the Clock Multiplication
Relationships section to find fVCO, fREF, BCount,
RefDivMode, and LODivMode.
2.
Program the registers in Figure 17 and Figure 18
3.
Program the value of LODivMode into Register 0x08B,
Bits[1:0].
4.
Program the value of BCount into Register 0x085,
Bits[7:0].
5.
Program the value of RefDivMode into Register 0x08C,
Bits[2:0].
6.
Based on the fVCO found in Step 1, write the temperature
tracking registers as shown in Table 73.
7.
Enable the DAC PLL synthesizer by setting Register 0x083,
Bit 4 to 1.
Register 0x084, Bit 5 notifies the user that the DAC PLL calibration
is completed and is valid.
Register 0x084, Bit 1 notifies the user that the PLL has locked.
Register 0x084, Bit 7 and Register 0x084, Bit 6 notify the user
that the DAC PLL has reached the upper or lower edge of its
operating band, respectively. If either of these bits are high,
recalibrate the DAC PLL by setting Register 0x083, Bit 7 to 0
and then 1.
DAC PLL IRQ
The DAC PLL lock and lost signals are available as IRQ events.
Use Register 0x01F, Bits[7:6] to enable these signals, and then
use Register 0x023, Bits[7:6] to read back their statuses and
reset the IRQ signals. See the Interrupt Request Operation
section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com