| Electronic Components Datasheet Search |
|
AD9152 Datasheet(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9152 Datasheet(HTML) 30 Page - Analog Devices |
|
30 / 103 page ![]() AD9152 Data Sheet Rev. B | Page 30 of 103 The maximum possible value for DYN_LINK_LATENCY is one less than the number of PClocks in a multiframe (PClocksPerMF). It is possible that a rollover condition may be encountered, meaning the set of recorded Delay values might roll over the edge of a multiframe. If so, Delay values may be near both 0 and PClocksPerMF. If this occurs, add PClocksPerMF to the set of values near 0. For example, for Delay value readbacks of 6, 7, 0, and 1, the 0 and 1 Delay values must be remapped to 8 and 9, making the new set of Delay values 6, 7, 8, and 9. Across power cycles, links, and devices. • MinDelay is the minimum of all Delay measurements. • MaxDelay is the maximum of all Delay measurements. For safety, a guard band of 1 PClock cycle is added to each end of the link delay and calculate LMFCVar and LMFCDel with the following equation: LMFCVar = (MaxDelay + 1) − (MinDelay − 1) Note that if LMFCVar must be more than 10, the AD9152 cannot tolerate the variable delay in the system. For Subclass 1, LMFCDel = ((MinDelay − 1) × PClockFactor) % K For Subclass 0, LMFCDel = (MinDelay − 1) % PClockPerMF Program the same LMFCDel and LMFCVar across all links and devices. See the Link Delay Setup Example, Without Known Delays section for an example calculation. CROSSBAR SETUP Register 0x308 and Register 0x309 allow arbitrary mapping of physical lanes (SERDINx±) to logical lanes used by the SERDES deframers. Table 32. Crossbar Registers Address Bits Logical Lane 0x308 [2:0] LOGICAL_LANE0_SRC 0x308 [5:3] LOGICAL_LANE1_SRC 0x309 [2:0] LOGICAL_LANE2_SRC 0x309 [5:3] LOGICAL_LANE3_SRC Write each LOGICAL_LANEx_SRC with the number (x) of the desired physical lane (SERDINx±) from which to receive data. By default, all logical lanes use the corresponding physical lane as their data source. For example, by default LOGICAL_LANE0_ SRC = 0, meaning Logical Lane 0 receives data from Physical Lane 0 (SERDIN0±). If instead the user wants to use SERDIN3± as the source for Logical Lane 0, the user must write LOGICAL_LANE0_SRC = 3. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |