Electronic Components Datasheet Search
  English  ▼

X  

AD9152 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9152
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152 Datasheet(HTML) 5 Page - Analog Devices

  AD9152 Datasheet HTML 1Page - Analog Devices AD9152 Datasheet HTML 2Page - Analog Devices AD9152 Datasheet HTML 3Page - Analog Devices AD9152 Datasheet HTML 4Page - Analog Devices AD9152 Datasheet HTML 5Page - Analog Devices AD9152 Datasheet HTML 6Page - Analog Devices AD9152 Datasheet HTML 7Page - Analog Devices AD9152 Datasheet HTML 8Page - Analog Devices AD9152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 103 page
background image
Data Sheet
AD9152
Rev. B | Page 5 of 103
SPECIFICATIONS
DC SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, PLLVDD12 = 1.2 V,
SVDD12 = 1.2 V, SDVDD12 = 1.2 V, VTT = 1.2 V, TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
Differential Nonlinearity (DNL)
±5.0
LSB
Integral Nonlinearity (INL)
±10.0
LSB
MAIN DAC OUTPUTS
Gain Error
With internal reference
−5.5
−1.3
+5.5
% FSR
I/Q Gain Mismatch
−4.5
+4.5
% FSR
Full-Scale Output Current (IOUTFS)
Based on a 4 kΩ external resistor between I120 and ground
Maximum Setting
19.1
20.22
21.4
mA
Minimum Setting
3.8
4.04
4.3
mA
Output Compliance Range
2.3
3.47
V
Output Resistance
15
MΩ
Output Capacitance
3.0
pF
Gain DAC Monotonicity
Guaranteed
MAIN DAC TEMPERATURE DRIFT
Offset
0.1
ppm/°C
Gain
35
ppm/°C
Reference Voltage
25
ppm/°C
REFERENCE
Internal Reference Voltage
0.5
V
ANALOG SUPPLY VOLTAGES
AVDD33
±5%
3.13
3.3
3.47
V
PVDD12, CVDD12
±5%
1.14
1.2
1.26
V
±2%
1.274
1.3
1.326
V
SVDD12, PLLVDD12, VTT
±5%
1.14
1.2
1.26
V
±2%
1.274
1.3
1.326
V
DIGITAL SUPPLY VOLTAGES
DVDD12, SDVDD12
±5%
1.14
1.2
1.26
V
±2%
1.274
1.3
1.326
V
SIOVDD33
±5%
3.13
3.3
3.47
V
IOVDD
±5%
1.71
1.8
3.47
V
POWER CONSUMPTION
Total Power
2× interpolation mode, fDAC = 1.5 GSPS, IF = 70 MHz, PLL
off, INVSINC on, digital gain on, NCO on, JESD204B
Mode 4, four SERDES lanes with 7.5 Gbps lane rate,
IOUTFS = 20 mA
1223
mW
AVDD33
87
mA
PVDD12
11
mA
CVDD12
179
mA
SDVDD12 and SVDD12
(Includes PLLVDD12 and VTT)
328
mA
DVDD12
246
mA
SIOVDD33 and IOVDD
5.7
mA
OPERATING TEMPERATURE RANGE
−40
+25
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com