Electronic Components Datasheet Search
  English  ▼

X  

AD9152 Datasheet(PDF) 62 Page - Analog Devices

Part # AD9152
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9152 Datasheet HTML 58Page - Analog Devices AD9152 Datasheet HTML 59Page - Analog Devices AD9152 Datasheet HTML 60Page - Analog Devices AD9152 Datasheet HTML 61Page - Analog Devices AD9152 Datasheet HTML 62Page - Analog Devices AD9152 Datasheet HTML 63Page - Analog Devices AD9152 Datasheet HTML 64Page - Analog Devices AD9152 Datasheet HTML 65Page - Analog Devices AD9152 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 103 page
background image
AD9152
Data Sheet
Rev. B | Page 62 of 103
To run the datapath PRBS test, complete the following steps:
1.
Set up the device in the desired operating mode. See the
Device Setup Guide section for details on setting up the
device.
2.
Send the PRBS7 or PRBS15 data.
3.
Write 0 to Register 0x14B, Bit 2 for PRBS7 or write 1 for
PRBS15.
4.
Write 0b11 to Register 0x14B, Bits[1:0] to enable and reset
the PRBS test.
5.
Write 0b01 to Register 0x14B, Bits[1:0] to enable the PRBS
test and release reset.
6.
Wait 500 ms.
7.
Check the status by checking the IRQ for the I DAC and
the Q DAC PRBS as described in the Datapath PRBS IRQ
section.
8.
Read Register 0x14B, Bits[7:6]. Bit 6 is 0 if the I DAC of the
selected dual has any errors. Bit 7 is 0 if the Q DAC of the
selected dual has any errors. This must match the IRQ.
9.
Read Register 0x14C to read the error count for the I DAC.
Read Register 0x14D to read the error count for the Q DAC.
Note that the PRBS processes 32 bits at a time, and compares
the 32 new bits to the previous set of 32 bits. It detects (and
reports) only 1 error in every group of 32 bits; therefore, the
error count partly depends on when the errors are seen.
For example,
•
Bits: 32 good, 31 good, 1 bad; 32 good (2 errors)
•
Bits: 32 good, 22 good, 10 bad; 32 good (2 errors)
•
Bits: 32 good, 31 good, 1 bad; 31 good, 1 bad; 32 good
(3 errors)
Datapath PRBS IRQ
The PRBS fail signals for each DAC are available as IRQ events.
Use Register 0x020, Bits[1:0] to enable the fail signals, and then
use Register 0x02s[1:0] to read back their statuses and reset the
IRQ signals. See the Interrupt Request Operation section for
more information.
DC TEST MODE
As a convenience, the AD9152 provides a dc test mode, which is
enabled by setting Register 0x0F7, Bit 1. When this mode is
enabled, the datapath is given 0 (midscale) for its data.
In conjunction with dc offset, this test mode can provide
desired dc data to the DACs. This test mode can also provide
sinusoidal data to the DACs by combining digital modulation
(to set frequency) and dc offset (to set amplitude). See the DC
Offset section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com