Electronic Components Datasheet Search
  English  ▼

X  

AD9152 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9152
Description  TxDAC Digital-to-Analog Converter
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9152 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9152 Datasheet HTML 14Page - Analog Devices AD9152 Datasheet HTML 15Page - Analog Devices AD9152 Datasheet HTML 16Page - Analog Devices AD9152 Datasheet HTML 17Page - Analog Devices AD9152 Datasheet HTML 18Page - Analog Devices AD9152 Datasheet HTML 19Page - Analog Devices AD9152 Datasheet HTML 20Page - Analog Devices AD9152 Datasheet HTML 21Page - Analog Devices AD9152 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 103 page
background image
AD9152
Data Sheet
Rev. B | Page 18 of 103
Figure 22. Single Tone, fDAC =1966.08 MHz, fOUT = 280 MHz, −14 dBFS
Figure 23. Two-Carrier (2C) 2× 5 MHz Bandwidth with 5 MHz Gap LTE ACLR
Performance, IF = 180 MHz, fDAC = 1966.08 MHz
Figure 24. Single Tone SFDR, fDAC =1966.08 MHz, 4× Interpolation,
fOUT = 10 MHz, −14 dBFS
Figure 25. Six-Carrier (6C) Spaced by 600 kHz GSM Edge ACP Performance,
IF = 180 MHz, fDAC = 1966.08 MHz
0
500
1000
1500
2000
fDAC (MHz)
700
800
900
1000
1100
1200
1300
1400
1×
2×
4×
8×
1.2V
1.3V
Figure 26. Total Baseline Power Consumption vs. fDAC over Interpolation
0
500
1000
1500
2000
fDAC (MHz)
0
50
100
150
200
250
1×
2×
4×
8×
1.2V
1.3V
Figure 27. DVDD12 Supply Current vs. fDAC over Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com