Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 32 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 32 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 28Page - OKI electronic componets MS87V1021 Datasheet HTML 29Page - OKI electronic componets MS87V1021 Datasheet HTML 30Page - OKI electronic componets MS87V1021 Datasheet HTML 31Page - OKI electronic componets MS87V1021 Datasheet HTML 32Page - OKI electronic componets MS87V1021 Datasheet HTML 33Page - OKI electronic componets MS87V1021 Datasheet HTML 34Page - OKI electronic componets MS87V1021 Datasheet HTML 35Page - OKI electronic componets MS87V1021 Datasheet HTML 36Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
32/63
Normal Mode (2/2)
Command
Code
Description
1st Byte
51h
Use this command to read the Start and End address values of the
specified phrase.
2nd Byte Phrase[7:0]
The value for the Phrase. Range: 01h to FFh
3rd Byte
4th Byte
5th Byte
Stadr[23:16](O)
Stadr[15:8] (O)
Stadr[7:0] (O)
Outputs the Start Address (in serial from the SO pin).
6th Byte
7th Byte
8th Byte
Enadr[23:16](O)
Enadr[15:8](O)
Enadr[7:0](O)
Outputs the End Address (in serial from the SO pin).
Adrrd
This command allows you to read the Start Address and End Address of
the phrase specified.
1st Byte
50h
Use this command to write the Start and End address values of the
specified phrase.
2nd Byte Phrase[7:0]
The value for the Phrase. Range: 01h to FFh
3rd Byte
4th Byte
5th Byte
Stadr[23:16]
Stadr[15:8]
Stadr[7:0]
The value for the Start Address. You need to set the lower 7 bits to “0”.
6th Byte
7th Byte
8th Byte
Enadr[23:16]
Enadr[15:8]
Enadr[7:0]
The value for the End Address. You need to set the lower 7 bits to “1”.
Adrwr
With this command you can define a phrase and the Start and End
addresses of the phrase. Addressing is in Pages. You should specify
the page's top address (the lower 7 bits = 0) for the Start Address, while
the page's end address (the lower 7 bits = 1) for the End Address.
If you specify Stadr = Enadr, the LSI performs endless (loop) recording.
Note: You may not specify the Start address value that is larger than the
End address.
1st Byte
70h
Deletes the specified phrase(s).
2nd Byte Phrase[7:0]
The value for the Phrase. Range: 01h to FFh
Del
If you specify “00h” for the Phrase, all phrase data will be erased.
1st Byte
41h
Pauses recording or playing.
Pause
Re-entering the command resets pause state and resumes the earlier
operation.
Start
2nd Byte Phrase[7:0]
Starts recording or playing.
Stop
1st Byte
40h
Stops recording or playing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com