Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 56 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 56 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 52Page - OKI electronic componets MS87V1021 Datasheet HTML 53Page - OKI electronic componets MS87V1021 Datasheet HTML 54Page - OKI electronic componets MS87V1021 Datasheet HTML 55Page - OKI electronic componets MS87V1021 Datasheet HTML 56Page - OKI electronic componets MS87V1021 Datasheet HTML 57Page - OKI electronic componets MS87V1021 Datasheet HTML 58Page - OKI electronic componets MS87V1021 Datasheet HTML 59Page - OKI electronic componets MS87V1021 Datasheet HTML 60Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
56/63
Addressing with the Adrrd and Adrwr Commands
In Retroactive Play Mode and Normal Mode, you can control addresses for recording and playing by using the
Adrrd and Adrwr commands.
[The Adrrd Command]
In Retroactive Play Mode and Normal Mode, the Adrrd command enables you to read the DRAM’s record_start
address and the record_end address. These addresses represent specific address locations on the on-die DRAM, as
described in “Storing sound Data to DRAM” section earlier in this document. You can determine the address to be
played based on those address information.
[The Adrwr Command]
In Retroactive Play Mode and Normal Mode, the Adrwr command enables you to specify the DRAM address at
which the LSI starts to play. You can determine the starting and ending addresses according to address information
obtained by using the Adrrd command. When you define the play_start address, you need to specify the top
address of the starting page. By the nature of ADPCM, playback must start from the top address of a page,
otherwise playback cannot be performed properly. Similarly, you should specify the last address of the ending
page when you define the end_play address.
Addressing with the Adrwr command
Stadr = 00000h
Enadr = 001FFh
(The Enadr must be the last address of the ending page)
[Notes on addressing]
The play_start address cannot be larger than the play_end address. Therefore, the addressing should be Stadr
≤
Eadr.
The record_start
address
00000h
Sound Data
End recording
Page
Sound Data
Sound Data
Sound Data
The play_start
address
00000h
Sound Data
001FFh
The end_play
address
Page
Sound Data
Sound Data
Sound Data
Playback after
recording



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com