Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 46 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 46 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 42Page - OKI electronic componets MS87V1021 Datasheet HTML 43Page - OKI electronic componets MS87V1021 Datasheet HTML 44Page - OKI electronic componets MS87V1021 Datasheet HTML 45Page - OKI electronic componets MS87V1021 Datasheet HTML 46Page - OKI electronic componets MS87V1021 Datasheet HTML 47Page - OKI electronic componets MS87V1021 Datasheet HTML 48Page - OKI electronic componets MS87V1021 Datasheet HTML 49Page - OKI electronic componets MS87V1021 Datasheet HTML 50Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
46/63
Fast Forward/Rewind Function (Cue/Rew)
Fast Forward/Rewind playback function is a unique new feature that enables you to do speed hearing across
multiple phrases. This function is available in Retroactive Play Mode and Normal Mode only. Fast Forward and
Rewind playback is performed by culling recorded ADPCM data. You can optimize speedy hearing quality for
source sound types by selecting appropriate culling interval and playback speed.
The figure below shows an example operations performing Fast Forward/Rewind playback in the following order;
Normal Play
⇒ X2 Fast Forward ⇒ X4 Rewind ⇒ X1 Play
*1: Playback by using the Play command
*2: Playback at X1 Speed by using the Cue/Rew command.
You need to issue the Cue/Rew command, setting the Speed value to “0”, if you want to return to normal X1 speed
playback after performing Cue/Rew operation.
[Restrictions on Fast Forward/Rewind Playback Function ]
(1)
If you plan to use Cue/Rew function in your application, you should not use block address FFh for storing
sound data in Retroactive Play Mode and Normal Mode. If you intend not to use the function, you can use all
blocks including FFh.
(2)
You cannot use Cue/Rew function in Normal mode when the Record_start address is equal to the Record_end
address. (When voices are played after endless recording)
Start
End
Normal Play *1
X1 Play *2
X2 Fast Forward
X4 Rewind
: Represents sound data to be played after thinning out in FF/Rewind playback.
12
3
4
5
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com