Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 3Page - OKI electronic componets MS87V1021 Datasheet HTML 4Page - OKI electronic componets MS87V1021 Datasheet HTML 5Page - OKI electronic componets MS87V1021 Datasheet HTML 6Page - OKI electronic componets MS87V1021 Datasheet HTML 7Page - OKI electronic componets MS87V1021 Datasheet HTML 8Page - OKI electronic componets MS87V1021 Datasheet HTML 9Page - OKI electronic componets MS87V1021 Datasheet HTML 10Page - OKI electronic componets MS87V1021 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
7/63
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V)
Parameter
Symbol
Condition
Rated value
Unit
Power supply voltage
V
DD
Ta = 25°C
–0.5 to 4.6
V
Pin voltage
V
T
Ta = 25°C
–0.5 to V
DD+0.5
V
Output shortcircuit current
I
OS
Ta = 25°C
50
mA
Power dissipation
P
D
Ta = 25°C
1
W
Operating temperature
T
OPR
—
–20 to +70
°C
Storage temperature
T
STG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
(Ta= –20 to +70°C)
Parameter
Symbol
Min.
Max.
Unit
Power supply voltage
V
DD
2.7
3.6
V
Power supply voltage
GND
0
0
V
“H” input voltage
V
IH
V
DD–0.2
V
DD
V
“L” input voltage
V
IL
–0.2
0.2
V
Source oscillation frequency
f
OSC
4.096
MHz
ELECTRICAL CHARACTERISTICS
DC Characteristics
(Ta = –20 to +70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” output voltage
V
OH
I
OH = –1 mA
V
DD–0.3
—
—
V
“L” output voltage
V
OL
I
OL = +1 mA
—
—
0.3
V
Input leakage current
(Note 1)
I
LI1
0 V < VIN < V
DD
Non-measured pins are at 0 V.
–10
—
10
µA
Input leakage current
(Note 2)
I
LI2
0V < VIN < V
DD
Non-measured pins are at 0 V.
–20
—
20
µA
Operating current
I
DD
f
OSC = 4.096 MHz no load
—
10
15
mA
Standby current 1
I
DDS
When powered down, no load,
with DRAM refreshing
——
70
µA
Standby current 2
I
DDS2
When powered down, no load,
without DRAM refreshing
——
40
µA
Notes: 1. Applicable to input pins excluding XT and
XT.
2. Applicable to XT and
XT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com