Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 40 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 40 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 36Page - OKI electronic componets MS87V1021 Datasheet HTML 37Page - OKI electronic componets MS87V1021 Datasheet HTML 38Page - OKI electronic componets MS87V1021 Datasheet HTML 39Page - OKI electronic componets MS87V1021 Datasheet HTML 40Page - OKI electronic componets MS87V1021 Datasheet HTML 41Page - OKI electronic componets MS87V1021 Datasheet HTML 42Page - OKI electronic componets MS87V1021 Datasheet HTML 43Page - OKI electronic componets MS87V1021 Datasheet HTML 44Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
40/63
Playback in Normal Mode
Start
Mode
command
[Select operating mode]
Area1
command
Start
command
[Select voice area block]
[Start playback]
Send Mode command (03h)
Select Normal mode
Send Area1 command (36h)
Send Start1 [7:0]
Send End1 [7:0]
Send Start command (30h)
Area2
command
[Select voice area]
Send Area2 command (39h)
Send Start2 [7:0]
Send End2 [7:0]
Play
command
[Set to playback status]
Send Play command (20h)
Send Phrase [7:0]
Playback
finished ?
Y
RPM bit = “1”
N
RPM bit = “0”
End playback ?
N
Y
N
Cue/Rew ?
Y
N
Cue/Rew
command
Stop
command
End
[End playback]
Send Stop
command (40h)
Send Cue/Rew command (23h)
Send Unit [7:4]/Speed [3:0]
[Start playback after fast
forwarding/rewinding]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com