Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 42 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 42 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 38Page - OKI electronic componets MS87V1021 Datasheet HTML 39Page - OKI electronic componets MS87V1021 Datasheet HTML 40Page - OKI electronic componets MS87V1021 Datasheet HTML 41Page - OKI electronic componets MS87V1021 Datasheet HTML 42Page - OKI electronic componets MS87V1021 Datasheet HTML 43Page - OKI electronic componets MS87V1021 Datasheet HTML 44Page - OKI electronic componets MS87V1021 Datasheet HTML 45Page - OKI electronic componets MS87V1021 Datasheet HTML 46Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
42/63
STATUS TRANSITION DIAGRAM
Vol: Set a volume
Status: Output a status
signal
Vol: Set a volume
Status: Output a status
signal
Waiting for command
Mode: Select a mode.
Delay: Set to a Dly volume.
Rec: Set to a recording status.
Play: Set to a playback status.
Play2:Set to repeat-play-
ready status.
Vol: Select a volume.
Del: Delete phrase data.
Copy: Copy page data.
Status: Output a status signal.
Area1: Select a voice data management area (Normal
mode).
Area2: Select a voice data storage area.
Adrwr: Input a phrase recording/playback address
(Retroactive mode, Normal mode).
Adrrd: Output a phrase recording/playback address
(Retroactive mode, Normal mode).
Recording/playback in
each mode
Start: Start
recording/playback
Operation in Delayed
play mode
Mode=01h
Mode=02h
Recording/playback in
Normal mode
Playback after Cue/Rew
Cue/Rew: Fast
forwarding/rewinding
Stop: Stop
recording/playback
ROM playback
Rply: Start ROM
playback
Stop: Stop ROM
playback
Rply: Start ROM
playback
Mode=03h
Pause: Pause/resume
Pausing
Stop: Stop playback
a
Continuous
phrase playback
Pausing
a
Reading/writing data
Dtrw : Read/write data
End : End reading/writing data
Byte data
writing
Byte data
reading
Byter: Start reading data
Bytew: Start writing data
Power down
Pwdn1: Power down (data is
retained)
Pwdn2: Power down (data is not
retained)
Input RESET
pulse.
Playback is pausing
Stop: Stop
recording/playback
a
Rec: Stop playback
(in Delayed play
mode)
Play: Re-start
playback
Pause: Pause/resume
Vol: Set a volume
Status: Output a status signal
Operation in Retroactive
play mode
Pause: Pause/resume
Pausing
Stop: Stop
recording/playback
a
Stop: Stop
recording/playback
a
Vol: Set a volume
Status : Output a status signal
Vol: Set a volume
Status: Output a status
signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com