Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 60 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 60 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 55Page - OKI electronic componets MS87V1021 Datasheet HTML 56Page - OKI electronic componets MS87V1021 Datasheet HTML 57Page - OKI electronic componets MS87V1021 Datasheet HTML 58Page - OKI electronic componets MS87V1021 Datasheet HTML 59Page - OKI electronic componets MS87V1021 Datasheet HTML 60Page - OKI electronic componets MS87V1021 Datasheet HTML 61Page - OKI electronic componets MS87V1021 Datasheet HTML 62Page - OKI electronic componets MS87V1021 Datasheet HTML 63Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
60/63
[Recording Time in Normal Mode]
In Normal Mode, the area selected with the Area2 command is assigned for storing sound data, therefore the
maximum recording time depends on the number of blocks included in the area. Note that the first two blocks of
the area selected with the Area1 command is automatically allocated to the Address Control data area in Normal
Mode. So, the maximum number of blocks usable for storing sound data (i.e. the area that can be selected with the
Area2 command) is the number of blocks selected with the Area1 command minus 2 blocks. For example,
Blocks selected with the Area1 command: Start1 = 00h; End1 = 0Fh (16 blocks)
Blocks selectable with the Area2 command: Start2 = 02h; End2 = 0Fh (14 blocks)
(Area for storing sound data)
Where:
Sampling frequency Fsam = 8 kHz;
Maximum recording time: About 3.5 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com