Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 14 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 10Page - OKI electronic componets MS87V1021 Datasheet HTML 11Page - OKI electronic componets MS87V1021 Datasheet HTML 12Page - OKI electronic componets MS87V1021 Datasheet HTML 13Page - OKI electronic componets MS87V1021 Datasheet HTML 14Page - OKI electronic componets MS87V1021 Datasheet HTML 15Page - OKI electronic componets MS87V1021 Datasheet HTML 16Page - OKI electronic componets MS87V1021 Datasheet HTML 17Page - OKI electronic componets MS87V1021 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
14/63
Supplementary Explanation on SG Pin
Connect a 1 µF electrolytic capacitor between the SG pin and AGND.
After reset or releasing the power down mode, do recording or playback after the voltage level of SG pin becomes
stable. The voltage level becomes stable at 1/2 of V
DD. The time to be stabilized is approximately 50 ms in case
shown below.
AGND
SG pin
Inside of LSI
+
1
µF
External circuit
Approx. 20 k
Ω
Approx. 20 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com