Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 48 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 48 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 44Page - OKI electronic componets MS87V1021 Datasheet HTML 45Page - OKI electronic componets MS87V1021 Datasheet HTML 46Page - OKI electronic componets MS87V1021 Datasheet HTML 47Page - OKI electronic componets MS87V1021 Datasheet HTML 48Page - OKI electronic componets MS87V1021 Datasheet HTML 49Page - OKI electronic componets MS87V1021 Datasheet HTML 50Page - OKI electronic componets MS87V1021 Datasheet HTML 51Page - OKI electronic componets MS87V1021 Datasheet HTML 52Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
48/63
[Defining the Method, Samp and address information]
To let the LSI to recognize a copied sound data as a new phrase, you need to define address control information
that includes the Method, Samp, Start Address and End Address. Such information should be entered to an address
control data area for each phrase. For more details on address control data area, see "Controlling addresses in
Normal Play Mode".
To define address control information, follow the steps below:
1. Defining the Method and Samp
Use the Bytew command to write the data.
(Ex.) Where;
Phrase 1, Method = 01h, Samp = 08h and Start Address for Area1 = 00h
(1) Specifying the Start Address
Enter the DTRW command; 2nd Byte: 00h, 3rd Byte: 00h, 4th Byte: 08h
(2) Writing the data
Enter the Bytew command; 2nd Byte: 18h
• Writing the Method and Samp data
(3) Ending Write Mode
Enter the End command
2. Defining the Start Address and End Address
Use the Adrwr command to define the data for each phrase.
(Ex.) Where;
Phrase 1, Stadr = 000800h and Enadr = 010000h
Enter the Adrwr command; 2nd Byte: 01h, 3rd Byte: 00h, 4th Byte: 80h
5th Byte: 00h, 6th Byte: 01h, 7th Byte: 00h, 8th Byte: 00h
[Copying separated data]
To copy two data that were separately recorded in two portions of a Retroactive Play Mode area as shown below,
issue the Copy command twice, first for the former data and second for the latter data.
End
Recorded
data
Recorded
data
Retroactive Play Mode area
Normal Mode area
The latter
recorded data
The former
recorded data
The former
recorded data
Start
The latter
recorded data
Start_new
End_new
Copy command
New pharase
Retroactive Play Mode area
Normal Mode area
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com