Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 62 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 62 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 55Page - OKI electronic componets MS87V1021 Datasheet HTML 56Page - OKI electronic componets MS87V1021 Datasheet HTML 57Page - OKI electronic componets MS87V1021 Datasheet HTML 58Page - OKI electronic componets MS87V1021 Datasheet HTML 59Page - OKI electronic componets MS87V1021 Datasheet HTML 60Page - OKI electronic componets MS87V1021 Datasheet HTML 61Page - OKI electronic componets MS87V1021 Datasheet HTML 62Page - OKI electronic componets MS87V1021 Datasheet HTML 63Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 62 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
62/63
PACKAGE DIMENSIONS
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product
name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).
TSOP(1)32-P-0814-0.50-1K
Mirror finish
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
0.27 TYP.
5
Rev. No./Last Revised
3/Dec. 10, 1996
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com