Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 53 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 53 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 49Page - OKI electronic componets MS87V1021 Datasheet HTML 50Page - OKI electronic componets MS87V1021 Datasheet HTML 51Page - OKI electronic componets MS87V1021 Datasheet HTML 52Page - OKI electronic componets MS87V1021 Datasheet HTML 53Page - OKI electronic componets MS87V1021 Datasheet HTML 54Page - OKI electronic componets MS87V1021 Datasheet HTML 55Page - OKI electronic componets MS87V1021 Datasheet HTML 56Page - OKI electronic componets MS87V1021 Datasheet HTML 57Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
53/63
Controlling Addresses in Retroactive Play Mode
In Retroactive Play Mode, four registers are defined within the internal Record/Play register. Those are the
record/play_start address (Stadr), the record/play_end address (Enadr), the sampling frequency (Samp) and the
method (Method).
Use the Adrrd command to read the Stadr/Enadr value, and the Adrwr command to write the Stadr/Enadr value. In
addition, you need to set up a sampling frequency and an ADPCM algorithm (Method) by using the Rec or Play
command.
The Internal Record/Play Registers
[Note on Issuing the Adrrd or Adrwr command]
In Retroactive Play Mode, multiple phrasing is not allowed by its design. However, the recorded data is processed
as “Phrase = 0” internally. Therefore, be sure to set the second byte to “00h” as you issue the Adrrd or Adrwr
command.
[Note on Issuing the Stadr and Enadr commands]
Sound data has ADPCM intermediate data in each page. By the nature of ADPCM, playback must start from the
top address of a page, otherwise playback cannot be performed properly. Therefore, when you define the Stadr
value with the Adrwr command, be sure to set the lower 7-bit to “0” (i.e. specifying a page’s top address).
Similarly, set the lower 7-bit to “1” when you define the Enadr. (A single page on the DRAM is 1024 bits.)
For the details, see “Storing Sound Data to DRAM (In Blocks)” and “Addressing with the Adrrd and Adrwr
Commands” sections.
Stadr (24 bits)
Enadr (24 bits)
Samp (4 bits)
Method (4 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com