Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 33 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 33 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 29Page - OKI electronic componets MS87V1021 Datasheet HTML 30Page - OKI electronic componets MS87V1021 Datasheet HTML 31Page - OKI electronic componets MS87V1021 Datasheet HTML 32Page - OKI electronic componets MS87V1021 Datasheet HTML 33Page - OKI electronic componets MS87V1021 Datasheet HTML 34Page - OKI electronic componets MS87V1021 Datasheet HTML 35Page - OKI electronic componets MS87V1021 Datasheet HTML 36Page - OKI electronic componets MS87V1021 Datasheet HTML 37Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
33/63
Other Commands Common in All Modes (1/2)
Command
Code
Description
Nop
1st Byte
00h
Represents “No Operation”. The command is ignored.
1st Byte
60h
Use this command to make an access to the on-chip DRAM or Mask
ROM.
2nd Byte
3rd Byte
4th Byte
Adr[23:16]
Adr[15:8]
Adr[7:0]
Specify the head address at which you want to start reading or writing.
Dtrw
You can’t access to DRAM and Mask ROM simultaneously. If you want to
access to the other memory address, you need to enter the End
command to end Dtrw mode once, and then set up the new address by
using the Dtrw command again.
1st Byte
61h
Use this command to write data to the on-chip DRAM.
Bytew
2nd Byte
Data[7:0]
Writing data.
After writing data is complete, the address pointer for writing is
incremented by one. When the last address of the DRAM is reached, the
next address automatically returns to the top address of the DRAM.
1st Byte
62h
Use this command to read data from the on-die DRAM or Mask ROM.
2nd Byte
Data[7:0]
Reading data (in serial from the SO pin).
Byter
After reading data is complete, the address pointer for reading is
incremented by one. When the last address of the DRAM or Mask ROM is
reached, the next address automatically returns to the top address of
each memory.
End
1st Byte
63h
Use this command to end Dtrw mode.
Pdwn1
1st Byte
80h
Use this command to let the LSI enter power-down state.
The on-chip DRAM enters self-refresh mode to preserve all the stored
data.
Pdwn2
1st Byte
88h
Use this command to let the LSI enter power-down state.
Data on the DRAM will be lost.
Test
1st Byte
F0h
The LSI test command. Do not enter the command.
1st Byte
24h
Use this command to play Mask ROM data.
2nd Byte
Phrase[7:0]
Sets ROM phrase value.
Rply
The Mask ROM Phrase values are independently controlled, separately
from the Phrase values for DRAM recording.
1st Byte
28h
Use this command to set up a volume level.
2nd Byte
Vol[7:0]
Vol
The default value for the Vol is “0h”.
Vol values and Attenuation
Vol
Attenuation
Vol
Attenuation
0h
0 dB
4h
–12 dB
1h
–3 dB
5h
–15 dB
2h
–6 dB
6h
–18 dB
3h
–9 dB
7h
–21 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com