Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 4Page - OKI electronic componets MS87V1021 Datasheet HTML 5Page - OKI electronic componets MS87V1021 Datasheet HTML 6Page - OKI electronic componets MS87V1021 Datasheet HTML 7Page - OKI electronic componets MS87V1021 Datasheet HTML 8Page - OKI electronic componets MS87V1021 Datasheet HTML 9Page - OKI electronic componets MS87V1021 Datasheet HTML 10Page - OKI electronic componets MS87V1021 Datasheet HTML 11Page - OKI electronic componets MS87V1021 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
8/63
AC Characteristics
1. Microcontroller interface mode
(V
DD = 2.7 to 3.6 V, Ta = –20° to +70°C)
(f
OSC = 4.096 MHz Fsam = 8.0 kHz)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
RESET pulse width
t
RST
1—
—
µs1
RESET execution time
t
REX
——
5
ms
Setup and hold time of SK for
CS
t
SKS
500
—
—
ns
SK pulse width “H”
t
SKH
1000
—
—
ns
SK pulse width “L”
t
SKL
1000
—
—
ns
Setup time of SI for SK rise
t
DS
250
—
—
ns
Hold time of SI for SK rise
t
DH
250
—
—
ns
Data valid time from fall of
CS
t
CSE
—
—
200
ns
Data Hi-Z time from rise of
CS
t
CSF
—
—
200
ns
Data valid time from fall of SK
t
DD
—
—
200
ns
BUSY rise time from rise of
CS
t
BSY
—
—
200
ns
Source oscillation duty cycle
t
DUTY
40
50
60
%
2. BUSY time when a command is executed
(V
DD = 2.7 to 3.6 V, Ta = –20 to +70°C)
(f
OSC = 4.096 MHz Fsam = 8.0 kHz)
Parameter
Symbol
Min.
Max.
Unit
Note
BUSY time after input of command
t
BR
—
300
µs
BUSY time after input of mode setting command
t
MODB
—
300
µs
BUSY time after input of Area1 command
(3)
Normal mode
t
AR1B
—1
ms
Delayed play mode
Retroactive play mode
BUSY time after input of Area2 command
(3)
Normal mode
t
AR2B
—1
ms
Retroactive play mode
BUSY time after input of Delay command (3)
Normal mode
t
DLYB
—1
ms
Delayed play mode
—
65
ms
2
Retroactive play mode
BUSY time after input of Rec command (2)
Normal mode
t
RECB
—1
ms
Delayed play mode
During
recording
Retroactive play mode
t
PLYB
—65
ms
2
Delayed play mode
BUSY time after input of
Play command (2)
During pause
Retroactive play mode
Normal mode
t
PLYB
—1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com