Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 49 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 49 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 45Page - OKI electronic componets MS87V1021 Datasheet HTML 46Page - OKI electronic componets MS87V1021 Datasheet HTML 47Page - OKI electronic componets MS87V1021 Datasheet HTML 48Page - OKI electronic componets MS87V1021 Datasheet HTML 49Page - OKI electronic componets MS87V1021 Datasheet HTML 50Page - OKI electronic componets MS87V1021 Datasheet HTML 51Page - OKI electronic componets MS87V1021 Datasheet HTML 52Page - OKI electronic componets MS87V1021 Datasheet HTML 53Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
49/63
MEMORY ALLOCATION
Storing Sound Data to DRAM (In Pages)
The on-die 2-Mbit DRAM consists of 2048 pages, 1024 bits for each page. The first 24-bit memory space of each
page is allocated for storing ADPCM intermediate data and the remaining 1000-bit space for storing ADPCM
(sound) data.
For additional information on data structures of pages allocated for address control in Normal Mode, see
“Controlling Addresses of Sound Data in Normal Mode” later in this document.
Page 0
000h to 07Fh
Page 1
080h to 0FFh
Page 2
100h to 17Fh
Page 3
180h to 1FFh
Page 2042
3FD00 to 3FD7Fh
Page 2043
3FD80 to 3FDFFh
Page 2044
3FE00 to 3FE7Fh
Page 2045
3FE80 to 3FEFFh
Page 2046
3FF00 to 3FF7Fh
Page 2047
3FF80 to 3FFFFh
Note: “DRAM Address” means the addresses used with the Adrrd and Adrwr commands,
i.e. Stadr[23:0] and Enadr[23:0].
24 bit
1000 bit
1024 bit
DRAM
Address *
Pages on DRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com