Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 5 Page - OKI electronic componets

  MS87V1021 Datasheet HTML 1Page - OKI electronic componets MS87V1021 Datasheet HTML 2Page - OKI electronic componets MS87V1021 Datasheet HTML 3Page - OKI electronic componets MS87V1021 Datasheet HTML 4Page - OKI electronic componets MS87V1021 Datasheet HTML 5Page - OKI electronic componets MS87V1021 Datasheet HTML 6Page - OKI electronic componets MS87V1021 Datasheet HTML 7Page - OKI electronic componets MS87V1021 Datasheet HTML 8Page - OKI electronic componets MS87V1021 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
5/63
PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
14
SI
I
Inputs 8-bit command or data.
13
SO
O
Outputs 8-bit status or data.
12
SK
I
Data transfer clock for SI and SO.
15
CS
I
The SK pulse is accepted when this pin is “L”. The SK pulse is not accepted when
this pin is “H”.
11
BUSY
O
Outputs “H” level during command execution. At that time, do not input a
command from the external microcontroller.
19
18
XT
XT
I
O
Crystal oscillator connection pins. When using an external clock, input the clock
via the XT pin and leave the
XT pin unconnected. When an external clock is used
in power down mode, fix the XT pin at the GND level.
20
RESET
I
The device is reset when “L” level is input. When oscillation starts, set this pin to
“L” level until oscillation becomes stable, and set to “H” level after oscillation
becomes stable. Data stored in the internal DRAM is cleared when “L” level is
input, while data is not erased when a reset signal is input for the purpose of
releasing the Pdwn1 mode.
31
SG
O
Analog reference voltage (signal ground). Connect a 1
µF capacitor between
AGND and this pin.
30
LIN
I
Inverting input pin for internal OP amplifier. The non-inverting input pin is
internally connected to SG.
29
LOUT
O
Output pin for internal OP amplifier
27
AOUT
O
Output pin for playback LPF. This pin outputs playback waveforms and is
connected to the speaker driving amplifier.
2
3-10,
21-23
TEST
TEST
I
Testing pin. The
TEST pin is fixed at the V
DD level and the TEST pins are fixed at
the GND level.
28
AMON
O
Output pin for analog testing. Leave it unconnected.
26
AIN
I
Input pin for analog testing. Fix it at the GND level.
17
DVDD
—
Digital power supply pin. Connect a 0.1
µF or more bypass capacitor between
DGND and this pin.
24
DGND
—
Digital GND pin
16
MVDD
—
Power supply pin for DRM. Connect a 0.1
µF or more bypass capacitor between
MGND and this pin.
1
MGND
—
Ground pin for DRAM
25
AVDD
—
Analog power supply pin. Connect a 0.1
µF or more bypass capacitor between
AGND and this pin.
32
AGND
—
Analog GND pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com