Electronic Components Datasheet Search
  English  ▼

X  

MS87V1021 Datasheet(PDF) 38 Page - OKI electronic componets

Part # MS87V1021
Description  Recording and Playback IC with Built-in 2-Mbit DRAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS87V1021 Datasheet(HTML) 38 Page - OKI electronic componets

Back Button MS87V1021 Datasheet HTML 34Page - OKI electronic componets MS87V1021 Datasheet HTML 35Page - OKI electronic componets MS87V1021 Datasheet HTML 36Page - OKI electronic componets MS87V1021 Datasheet HTML 37Page - OKI electronic componets MS87V1021 Datasheet HTML 38Page - OKI electronic componets MS87V1021 Datasheet HTML 39Page - OKI electronic componets MS87V1021 Datasheet HTML 40Page - OKI electronic componets MS87V1021 Datasheet HTML 41Page - OKI electronic componets MS87V1021 Datasheet HTML 42Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
PEDS87V1021-01
1Semiconductor
MS87V1021
38/63
Retroactive Play Mode (2)
Shown below is the flowchart in which the voice that was recorded in Repeat playback mode is played later.
Start
Mode
command
[Select operation mode]
Area2
command
Dly
command
Adrrd
command
Start
command
[Select voice area]
[Set Delay time]
[Read recording address
information]
[Start playback]
Send Mode command (02h)
Select Retroactive play mode
Send Area2 command (39h)
Send Start2 [7:0]
Send End2 [7:0]
Send Dly command (38h)
Send Dly [15:8]
Send Dly [7:0]
Send Start command (30h)
Adrwr
command
[Write playback address
information]
Play or Play2
command
[Set to one time playback
status]
or
[Set to repeat playback status]
Send Play command (20h) or Play2 command (21h)
Send Method [7:4]/Samp [3:0]
Cue/Rew ?
Cue/Rew
command
End ?
Stop
command
End
N
N
Y
Y
[Fast forwarding/
rewinding starts]
[Stop playback]
Send Stop command (40h)
Send Cue/Rew command (23h)
Send Unit [7:4]/Speed [3:0]
Send Adrrd command (50h)
Send (00h)
Send Stadr [23:16], Stadr [15:8], Stadr [7:0]
(Lower 7 bits Stadr [6:0] are “0”)
Send Enadr [23:16], Enadr [15:8], Enadr [7:0]
(Lower 7 bits Enadr [6:0] are “1”)
Send Adrrd command (51h)
Send (00h)
Receive Stadr [23:16], Stadr [15:8], Stadr [7:0]
Receive Enadr [23:16], Enadr [15:8], Enadr [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com