Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 59 Page - Bosch Sensortec GmbH

Part # BMC150
Description  6-axis eCompassBMC150: Data sheet
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC150 Datasheet(HTML) 59 Page - Bosch Sensortec GmbH

Back Button BMC150 Datasheet HTML 55Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 56Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 57Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 58Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 59Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 60Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 61Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 62Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 63Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 142 page
background image
Datasheet
eCompass BMC150
Page 59
BST-BMC150-DS000-04 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
4.9.4 Low-threshold interrupt
When the data registers’ (DATAX, DATAY and DATAZ) values drop below the threshold level
defined by the “Low Threshold register (0x4F), the corresponding interrupt status bits for those
axes are set (“Low Int X”, “Low Int Y” and “Low Int Z” in register 0x4A). This is done for each
axis independently. Please note that the X and Y axis value for overflow is -4096. However, no
interrupt is generated on these values. See chapter 4.9.6 for more information on overflow.
Hereby, one bit in “Low Threshold” corresponds to roughly 6µT (not exactly, as the raw
magnetic field values DATAX, DATAY and DATAZ are not temperature compensated).
The Low-threshold interrupt is issued on INT3 pin when one or more values of the data registers
DATAX, DATAY and DATAZ drop below the threshold level defined by the “Low Threshold”
register (0x4F), and when the axis where the threshold was exceeded is enabled for interrupt
generation:
Result =
(DATAX < “Low Threshold” x 16) AND “Low Int X en” is “0” OR
(DATAY < “Low Threshold” x 16) AND “Low Int Y en” is “0” OR
(DATAZ < “Low Threshold” x 16) AND “Low Int Z en” is “0”
Note: Threshold interrupt enable bits (“Low INT [XYZ] en”) are active low and “1” (disabled) by
default.
Figure 16: Low-threshold interrupt function
a
a
Low threshold
measurements
INT3 pin (non-latched)
INT3 pin (latched)
Read interrupt status
register (0x4A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com