Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 83 Page - Bosch Sensortec GmbH

Part # BMC150
Description  6-axis eCompassBMC150: Data sheet
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC150 Datasheet(HTML) 83 Page - Bosch Sensortec GmbH

Back Button BMC150 Datasheet HTML 79Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 80Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 81Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 82Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 83Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 84Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 85Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 86Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 87Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 142 page
background image
Datasheet
eCompass BMC150
Page 83
BST-BMC150-DS000-04 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
6.11 Interrupt settings
Register 0x16 (INT_EN_0)
Controls which interrupt engines in group 0 are enabled.
Name
0x16
INT_EN_0
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
flat_en
orient_en
s_tap_en
d_tap_en
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
slope_en_z
slope_en_y
slope_en_x
flat_en:
flat interrupt: ‘0’disabled, or ‘1’ enabled
orient_en:
orientation interrupt: ‘0’disabled, or ‘1’ enabled
s_tap_en:
single tap interrupt: ‘0’disabled, or ‘1’ enabled
d_tap_en
double tap interrupt: ‘0’disabled, or ‘1’ enabled
reserved:
write ‘0’
slope_en_z:
slope interrupt, z-axis component: ‘0’disabled, or ‘1’ enabled
slope_en_y:
slope interrupt, y-axis component: ‘0’disabled, or ‘1’ enabled
slope_en_x:
slope interrupt, x-axis component: ‘0’disabled, or ‘1’ enabled
Register 0x17 (INT_EN_1)
Controls which interrupt engines in group 1 are enabled.
Name
0x17
INT_EN_1
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
int_fwm_en
int_ffull_en
data_en
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
low_en
high_en_z
high_en_y
high_en_x
reserved:
write ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com