Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 84 Page - Bosch Sensortec GmbH

Part # BMC150
Description  6-axis eCompassBMC150: Data sheet
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC150 Datasheet(HTML) 84 Page - Bosch Sensortec GmbH

Back Button BMC150 Datasheet HTML 80Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 81Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 82Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 83Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 84Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 85Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 86Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 87Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 88Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 142 page
background image
Datasheet
eCompass BMC150
Page 84
BST-BMC150-DS000-04 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
int_fwm_en:
FIFO watermark interrupt: ‘0’disabled, or ‘1’ enabled
int_ffull_en:
FIFO full interrupt: ‘0’disabled, or ‘1’ enabled
data_en
data ready interrupt: ‘0’disabled, or ‘1’ enabled
low_en:
low-g interrupt: ‘0’disabled, or ‘1’ enabled
high_en_z:
high-g interrupt, z-axis component: ‘0’disabled, or ‘1’ enabled
high_en_y:
high-g interrupt, y-axis component: ‘0’disabled, or ‘1’ enabled
high_en_x:
high-g interrupt, x-axis component: ‘0’disabled, or ‘1’ enabled
Register 0x18 (INT_EN_2)
Controls which interrupt engines in group 2 are enabled.
Name
0x18
INT_EN_2
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
reserved
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
slo_no_mot_sel
slo_no_mot_en_z slo_no_mot_en_y slo_no_mot_en_x
reserved:
write ‘0’
slo_no_mot_sel: select ‘0’slow-motion, ‘1’ no-motion interrupt function
slo_no_mot_en_z: slow/n-motion interrupt, z-axis component: ‘0’disabled, or ‘1’ enabled
slo_no_mot_en_y: slow/n-motion interrupt, y-axis component: ‘0’disabled, or ‘1’ enabled
slo_no_mot_en_x: slow/n-motion interrupt, x-axis component: ‘0’disabled, or ‘1’ enabled
Register 0x19 (INT_MAP_0)
Controls which interrupt signals are mapped to the INT1 pin.
Name
0x19
INT_MAP_0
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset
Value
0
0
0
0
Content
int1_flat
int1_orient
int1_s_tap
int1_d_tap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com