Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BMC150
Description  6-axis eCompassBMC150: Data sheet
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC150 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMC150 Datasheet HTML 5Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 6Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 7Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 8Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 9Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 10Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 11Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 12Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 142 page
background image
Datasheet
eCompass BMC150
Page 9
BST-BMC150-DS000-04 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
Operating
Temperature
TA
Same for
accelerometer and
magnetometer
-40
+85
°C
ACCELEROMETER OUTPUT SIGNAL
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Device
Resolution
Dres,a
gFS2g
0.98
mg
Sensitivity
S2g
gFS2g, TA=25°C
1024
LSB/g
S4g
gFS4g, TA=25°C
512
LSB/g
S8g
gFS8g, TA=25°C
256
LSB/g
S16g
gFS16g, TA=25°C
128
LSB/g
Sensitivity
Temperature Drift
TCSa
gFS2g,
Nominal VDD supplies
±0.02
%/K
Zero-g Offset
Off
gFS2g, TA=25°C,
nominal VDD supplies,
over life-time
±80
mg
Zero-g Offset
Temperature Drift
TCO
gFS2g,
Nominal VDD supplies
±1
mg/K
Bandwidth
bw8
2nd order filter,
bandwidth
programmable
8
Hz
bw16
16
Hz
bw31
31
Hz
bw63
63
Hz
bw125
125
Hz
bw250
250
Hz
bw500
500
Hz
bw1000
1000
Hz
Nonlinearity
NL,a
best fit straight line,
gFS2g
±0.5
%FS
Output Noise
Density
nrms,a
gFS2g, TA=25°C
Nominal VDD supplies
Normal mode
150
µg/
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com