Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 64 Page - Bosch Sensortec GmbH

Part # BMC150
Description  6-axis eCompassBMC150: Data sheet
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC150 Datasheet(HTML) 64 Page - Bosch Sensortec GmbH

Back Button BMC150 Datasheet HTML 60Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 61Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 62Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 63Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 64Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 65Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 66Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 67Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 68Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 142 page
background image
Datasheet
eCompass BMC150
Page 64
BST-BMC150-DS000-04 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
5.4 FIFO Interrupts
The FIFO controller can generate two different interrupt events, a FIFO-full and a watermark
event. The FIFO-full and watermark interrupts are functional in all FIFO operating modes. The
watermark interrupt is asserted when the fill level in the buffer has reached the frame count
defined by register (0x30) fifo_water_mark_trigger_retain. In order to enable (disable) the
watermark interrupt, the (0x17) int_fwm_en bit must be set to ‘1’ (‘0’). To map the watermark
interrupt signal to INT1 pin (INT2 pin), (0x1A) int1_fwm ((0x1A) int2_fwm) bit must be set to ‘1’.
The status of the watermark interrupt may be read back through the (0x0A) fifo_wm_int bit.
Writing to register (0x30) fifo_water_mark_trigger_retain clears the FIFO buffer.
The FIFO-full interrupt is triggered when the buffer has been completely filled. In FIFO mode
this occurs 32, in STREAM mode 31 samples, and in BYPASS mode 1 sample after the buffer
has been cleared. In order to enable the FIFO-full interrupt, bit (0x17) int_ffull_en as well as one
or both of bits (0x1A) int1_fful or (0x1A) int2_fful must also be set to ‘1’. The status of the FIFO-
full interrupt may be read back through bit (0x0A) fifo_full_int.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com