Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 48 Page - Bosch Sensortec GmbH

Part # BMC150
Description  6-axis eCompassBMC150: Data sheet
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC150 Datasheet(HTML) 48 Page - Bosch Sensortec GmbH

Back Button BMC150 Datasheet HTML 44Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 45Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 46Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 47Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 48Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 49Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 50Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 51Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 52Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 142 page
background image
Datasheet
eCompass BMC150
Page 48
BST-BMC150-DS000-04 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
In the preceding tables, the parameter ‘hyst’ stands for a hysteresis, which can be selected by
setting the (0x2C) orient_hyst bits. 1 LSB of (0x2C) orient_hyst always corresponds to 62.5 mg,
in any g-range (i.e. increment is independent from g-range setting). It is important to note that by
using a hysteresis ≠ 0 the actual switching angles become different from the angles given in the
tables since there is an overlap between the different orientations.
The most significant bit of the (0x0C) orient bits (which is displayed as an ´x´ in the above given
tables) contains information about the direction of the z-axis. It is set to ´0´ (´1´) if acc_z ≥ 0
(acc_z < 0).
Figure 12 shows the typical switching conditions between the four different orientations for the
symmetrical mode i.e. without hysteresis:
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
45
90
135
180
225
270
315
360
phi
acc_y/acc_x
acc_x/sin(theta)
acc_y/sin(theta)
portrait upright
landscape left
portrait upside
down
landscape right
portrait upright
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
45
90
135
180
225
270
315
360
acc_y/acc_x
acc_x/sin(theta)
acc_y/sin(theta)
portrait upright
landscape left
portrait upside
down
landscape right
portrait upright
Figure 12: Typical orientation switching conditions w/o hysteresis
The orientation interrupt is enabled (disabled) by writing ´1´ (´0´) to bit (0x16) orient_en. The
interrupt is generated if the value of (0x0C) orient has changed. It is automatically cleared after
one stable period of the (0x0C) orient value. The interrupt status is stored in the (0x09)
orient_int bit. The register (0x0C) orient always reflects the current orientation of the device,
irrespective of which interrupt mode has been selected. Bit (0x0C) orient<2> reflects the device
orientation with respect to the z-axis. The bits (0x0C) orient<1:0> reflect the device orientation in
the x-y-plane. The conventions associated with register (0x0C) orient are detailed in chapter 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com