| Electronic Components Datasheet Search |
|
BMC150 Datasheet(PDF) 22 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BMC150 Datasheet(HTML) 22 Page - Bosch Sensortec GmbH |
|
22 / 142 page ![]() Datasheet eCompass BMC150 Page 22 BST-BMC150-DS000-04 | Revision 1.0 | July 2014 Bosch Sensortec © Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are subject to change without notice. Not intended for publication. 4.2.2 Magnetometer power modes The BMC150 magnetometer part features configurable power modes. The four power modes of the BMC150 magnetometer are decribed in the following chapters. Power off mode In Power off mode, VDD and/or VDDIO are unpowered. The magnetometer part does not operate in this mode. When only one of VDD or VDDIO is supplied, the magnetic sensor will still be in Power off mode. Power on reset is performed after both VDD and VDDIO have risen above their detection thresholds. Suspend mode Suspend mode is the default power mode of BMC150 magnetometer part after the chip is powered. When VDD and VDDIO are turned on the POR (power on reset) circuits operate and the device’s registers are initialized. After POR becomes inactive, a start up sequence is executed. In this sequence NVM content is downloaded to shadow registers located in the device core. After the start up sequence the device is put in the Suspend mode. In this mode only registers which store power control bit information and SPI 3 wire enable can be accessed by the user. In this mode only registers supplied directly by VDDIO which store I2C slave device address, power control bit information and some others can be accessed by the user. No other registers can be accessed in Suspend mode. All registers loose their content, except the control register (0x4B). In particular, in this mode a Chip ID read (register 0x40) returns “0x00” (I²C) or high-Z (SPI). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |