Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH

Part # BMC150
Description  6-axis eCompassBMC150: Data sheet
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC150 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH

Back Button BMC150 Datasheet HTML 40Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 41Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 42Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 43Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 44Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 45Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 46Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 47Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 48Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 142 page
background image
Datasheet
eCompass BMC150
Page 44
BST-BMC150-DS000-04 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
The parameters (0x2A) tap_shock and (0x2A) tap_quiet apply to both single tap and double tap
detection, while (0x2A) tap_dur applies to double tap detection only. Within the duration of
(0x2A) tap_shock any slope exceeding (0x2B) tap_th after the first event is ignored. Contrary to
this, within the duration of (0x2A) tap_quiet no slope exceeding (0x2B) tap_th must occur,
otherwise the first event will be cancelled.
4.7.6.1 Single tap detection
A single tap is detected and the single tap interrupt is generated after the combined durations of
(0x2A) tap_shock and (0x2A) tap_quiet, if the corresponding slope conditions are fulfilled. The
interrupt is cleared after a delay of 12.5 ms. Do not map single-tap to any INT pin if you do not
want to use it.
4.7.6.2 Double tap detection
A double tap interrupt is generated if an event fulfilling the conditions for a single tap occurs
within the set duration in (0x2A) tap_dur after the completion of the first tap event. The interrupt
is automatically cleared after a delay of 12.5 ms.
4.7.6.3 Selecting the timing of tap detection
For each of parameters (0x2A) tap_shock and (0x2A) tap_quiet two values are selectable. By
writing ´0´ (´1´) to bit (0x2A) tap_shock the duration of (0x2A) tap_shock is set to 50 ms (75 ms).
By writing ´0´ (´1´) to bit (0x2A) tap_quiet the duration of (0x2A) tap_quiet is set to 30 ms (20
ms).
The length of (0x2A) tap_dur can be selected by setting the (0x2A) tap_dur bits according to
Table 16:
Table 16: Selection of tap_dur
(0x2A) tap_dur
length of tap_dur
000b
50 ms
001b
100 ms
010b
150 ms
011b
200 ms
100b
250 ms
101b
375 ms
110b
500 ms
111b
700 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com