Electronic Components Datasheet Search
  English  ▼

X  

BMC150 Datasheet(PDF) 54 Page - Bosch Sensortec GmbH

Part # BMC150
Description  6-axis eCompassBMC150: Data sheet
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMC150 Datasheet(HTML) 54 Page - Bosch Sensortec GmbH

Back Button BMC150 Datasheet HTML 50Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 51Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 52Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 53Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 54Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 55Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 56Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 57Page - Bosch Sensortec GmbH BMC150 Datasheet HTML 58Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 142 page
background image
Datasheet
eCompass BMC150
Page 54
BST-BMC150-DS000-04 | Revision 1.0 | July 2014
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice. Not intended for publication.
4.7.11 No-motion / slow motion detection
The slow-motion/no-motion interrupt engine can be configured in two modes.
In slow-motion mode an interrupt is triggered when the measured slope of at least one enabled
axis exceeds the programmable slope threshold for a programmable number of samples. Hence
the engine behaves similar to the any-motion interrupt, but with a different set of parameters. In
order to suppress false triggers, the interrupt is only generated (cleared) if a certain number N of
consecutive slope data points is larger (smaller) than the slope threshold given by (0x27)
slo_no_mot_dur<1:0>. The number is N = (0x27) slo_no_mot_dur<1:0> + 1.
In no-motion mode an interrupt is generated if the slope on all selected axes remains smaller
than a programmable threshold for a programmable delay time. Figure 13 shows the timing
diagram for the no-motion interrupt. The scaling of the threshold value is identical to that of the
slow-motion interrupt. However, in no-motion mode register (0x27) slo_no_mot_dur defines the
delay time before the no-motion interrupt is triggered. Table 24 lists the delay times adjustable
with register (0x27) slo_no_mot_dur. The timer tick period is 1 second. Hence using short delay
times can result in considerable timing uncertainty.
If bit (0x18) slo_no_mot_sel is set to ‘1’ (‘0’) the no-motion/slow-motion interrupt engine is
configured in the no-motion (slow-motion) mode. Common to both modes, the engine monitors
the slopes of the axes that have been enabled with bits (0x18) slo_no_mot_en_x, (0x18)
slo_no_mot_en_y, and (0x18) slo_no_mot_en_z for the x-axis, y-axis and z-axis, respectively.
The measured slope values are continuously compared against the threshold value defined in
register (0x29) slo_no_mot_th. The scaling is such that 1 LSB of (0x29) slo_no_mot_th
corresponds to 3.91 mg in 2g-range (7.81 mg in 4g-range, 15.6 mg in 8g-range and 31.3 mg in
16g-range). Therefore the maximum value is 996 mg in 2g-range (1.99g in 4g-range, 3.98g in
8g-range and 7.97g in 16g-range). The time difference between the successive acceleration
samples depends on the selected bandwidth and equates to 1/(2 * bw).
Table 24: No-motion time-out periods
(0x27)
slo_no_mot_dur
Delay
time
(0x27)
slo_no_mot_dur
Delay
time
(0x27)
slo_no_mot_dur
Delay
Time
0
1 s
16
40 s
32
88 s
1
2 s
17
48 s
33
96 s
2
3 s
18
56 s
34
104 s
...
...
19
64 s.
...
...
14
15 s
20
72 s
62
328 s
15
16 s
21
80 s
63
336 s
Note: slo_no_mot_dur values 22 to 31 are not specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com